Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3C0115 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C0115
Description  TNC Male to TNC Male Cable UsingLMR-100 Coax And Times Connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0115 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C0115 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0115 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0115 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
TNC Male to TNC Male Cable Using LMR-100 Coax And Times Connectors
Configuration
Connector 1
TNC Male
Connector 2
TNC Male
Cable Type
LMR-100A
Impedance, Ohms
50
Mechanical Specifications
Cable Assembly
Cable Type
LMR-100A
Temperature
Temperature Operating Range, deg C
-40 to +85
Temperature Storage Range, deg C
-70 to +85
Diameter, in [mm]
0.6 [15.24]
.
Weight, lbs [g]
0.198 [89.81]
Cable Color
Black
One Time Minimum Bend Radius, in [mm]
0.25 [6.35]
Repeated Minimum Bend Radius, in [mm]
1 [25.4]
Cable
No of Shields
2
Dielectric Type
PE
Jacket Material
PVC
Jacket Diameter, in [mm]
0.11 [2.79]
Connector 1
Type
TNC Male
Configuration
Straight
Inner Conductor Material and Plating
Beryllium Copper, Gold
Coupling Nut Material and Plating
Brass, Silver
Body Material and Plating
Brass, Silver
DielectricType
Teflon
Connector 2
Type
TNC Male
Configuration
Straight
Inner Conductor Material and Plating
Beryllium Copper, Gold
Coupling Nut Material and Plating
Brass, Silver
Body Material and Plating
Brass, Silver
DielectricType
Teflon
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: TNC Male to TNC Male Cable Using LMR-100 Coax And Times Connectors PE3C0115
PE3C0115 REV
PE3C0115
TNC Male to TNC Male Cable Using
LMR-100 Coax And Times Connectors


Similar Part No. - PE3C0115

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0115-12 PASTERNACK-PE3C0115-12 Datasheet
322Kb / 3P
TNC Male to TNC Male With Times ConnectorsCable 12 Inch Length Using LMR-100 Coax
PE3C0115-24 PASTERNACK-PE3C0115-24 Datasheet
323Kb / 3P
TNC Male to TNC Male With Times ConnectorsCable 24 Inch Length Using LMR-100 Coax
PE3C0115-36 PASTERNACK-PE3C0115-36 Datasheet
334Kb / 3P
TNC Male to TNC Male With Times ConnectorsCable 36 Inch Length Using LMR-100 Coax
PE3C0115-48 PASTERNACK-PE3C0115-48 Datasheet
323Kb / 3P
TNC Male to TNC Male With Times ConnectorsCable 48 Inch Length Using LMR-100 Coax
PE3C0115-60 PASTERNACK-PE3C0115-60 Datasheet
323Kb / 3P
TNC Male to TNC Male With Times ConnectorsCable 60 Inch Length Using LMR-100 Coax
More results

Similar Description - PE3C0115

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0104 PASTERNACK-PE3C0104 Datasheet
330Kb / 3P
SMA Male to SMA Male Right Angle Cable UsingLMR-240 Coax And Times Connectors
PE3C0109 PASTERNACK-PE3C0109 Datasheet
326Kb / 3P
N Male to TNC Male Cable Using LMR-400 Coax And Times Connectors
PE3C0114 PASTERNACK-PE3C0114 Datasheet
322Kb / 3P
SMA Male to TNC Male Cable Using LMR-100 Coax And Times Connectors
PE3C0115-12 PASTERNACK-PE3C0115-12 Datasheet
322Kb / 3P
TNC Male to TNC Male With Times ConnectorsCable 12 Inch Length Using LMR-100 Coax
PE3C0115-24 PASTERNACK-PE3C0115-24 Datasheet
323Kb / 3P
TNC Male to TNC Male With Times ConnectorsCable 24 Inch Length Using LMR-100 Coax
PE3C0115-36 PASTERNACK-PE3C0115-36 Datasheet
334Kb / 3P
TNC Male to TNC Male With Times ConnectorsCable 36 Inch Length Using LMR-100 Coax
PE3C0115-48 PASTERNACK-PE3C0115-48 Datasheet
323Kb / 3P
TNC Male to TNC Male With Times ConnectorsCable 48 Inch Length Using LMR-100 Coax
PE3C0115-60 PASTERNACK-PE3C0115-60 Datasheet
323Kb / 3P
TNC Male to TNC Male With Times ConnectorsCable 60 Inch Length Using LMR-100 Coax
PE3C0117 PASTERNACK-PE3C0117 Datasheet
322Kb / 3P
TNC Male to TNC Male Cable UsingLMR-195 Coax And Times Connectors
PE3C0122 PASTERNACK-PE3C0122 Datasheet
322Kb / 3P
SMA Male to TNC Male Cable Using LMR-195 Coax And Times Connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com