Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4029BM1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4029BM1
Description  PRESETTABLE UP/DOWN COUNTER BINARY OR BCD DECADE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4029BM1 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4029BM1 Datasheet HTML 1Page - STMicroelectronics HCF4029BM1 Datasheet HTML 2Page - STMicroelectronics HCF4029BM1 Datasheet HTML 3Page - STMicroelectronics HCF4029BM1 Datasheet HTML 4Page - STMicroelectronics HCF4029BM1 Datasheet HTML 5Page - STMicroelectronics HCF4029BM1 Datasheet HTML 6Page - STMicroelectronics HCF4029BM1 Datasheet HTML 7Page - STMicroelectronics HCF4029BM1 Datasheet HTML 8Page - STMicroelectronics HCF4029BM1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
September 2002
s
MEDIUM SPEED OPERATION : 8MHz (Typ.)
at CL = 50pF and VDD - VSS = 10V
s
MULTI-PACKAGE PARALLEL CLOCKING
FOR SYNCHRONOUS HIGH SPEED
OUTPUT RESPONSE OR RIPPLE
CLOCKING FOR SLOW CLOCK INPUT RISE
AND FALL TIMES
s
"PRESET ENABLE" AND INDIVIDUAL "JAM"
INPUTS PROVIDED
s
BINARY OR DECADE UP/DOWN
COUNTING
s
BCD OUTPUTS IN DECADE MODE
s
QUIESCENT CURRENT SPECIF. UP TO 20V
s
STANDARDIZED SYMMETRICAL OUTPUT
CHARACTERISTICS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B "STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
HCF4029B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
HCF4029B consists of a four stage binary or
BCD-decade up/down counter with provisions for
look ahead carry in both counting modes. The
inputs consist of a single CLOCK, CARRY IN
(CLOCK
ENABLE),
BINARY/DECADE,
UP/
DOWN, PRESET ENABLE, and four individual
JAM signals. Q1, Q2, Q3, Q4 and a CARRY OUT
signal are provided as outputs. A high PRESET
ENABLE signal allows information on the JAM
INPUTS to preset the counter to any state
asynchronously with the clock. A low on each JAM
line, when the PRESET-ENABLE signal is high,
resets the counter to its zero count. The counter
advances one count at the positive transition of
the clock when the CARRY-IN and PRESET
ENABLE
signals
are
low.
Advancement
is
inhibited
when
the
CARRY-IN
or
PRESET
ENABLE signals are high. The CARRY-OUT
HCF4029B
PRESETTABLE UP/DOWN COUNTER
BINARY OR BCD DECADE
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4029BEY
SOP
HCF4029BM1
HCF4029M013TR
DIP
SOP


Similar Part No. - HCF4029BM1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4029BM1 STMICROELECTRONICS-HCF4029BM1 Datasheet
295Kb / 13P
BINARY OR BCD DECADE PRESETTABLE UP/DOWN COUNTER
Sep-1988
More results

Similar Description - HCF4029BM1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
National Semiconductor ...
CD4029BM NSC-CD4029BM Datasheet
164Kb / 8P
Presettable Binary/Decade Up/Down Counter
logo
ON Semiconductor
SN54-74LS192 ONSEMI-SN54-74LS192 Datasheet
110Kb / 7P
PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
NXP Semiconductors
74HC190 PHILIPS-74HC190 Datasheet
101Kb / 13P
Presettable synchronous BCD decade up/down counter
December 1990
logo
STMicroelectronics
HCC4029B STMICROELECTRONICS-HCC4029B Datasheet
295Kb / 13P
BINARY OR BCD DECADE PRESETTABLE UP/DOWN COUNTER
Sep-1988
logo
System Logic Semiconduc...
SL74HC192 SLS-SL74HC192 Datasheet
69Kb / 7P
Presettable BCD/Decade UP/DOWN Counter
logo
Fairchild Semiconductor
CD4029BC FAIRCHILD-CD4029BC Datasheet
94Kb / 8P
Presettable Binary/Decade Up/Down Counter
logo
National Semiconductor ...
CD4029BC NSC-CD4029BC Datasheet
164Kb / 8P
Presettable Binary/Decade Up/Down Counter
logo
Integral Corp.
IN74ACT192 INTEGRAL-IN74ACT192 Datasheet
364Kb / 7P
PRESETTABLE BCD/DECADE UP/DOWN COUNTER
logo
Micro Electronics
MMC4029 MICRO-ELECTRONICS-MMC4029 Datasheet
170Kb / 4P
PRESETTABLE UP / DOWN COUNTER BINARY OR BCD - DECADE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com