Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46826 Datasheet(PDF) 92 Page - Dialog Semiconductor

Part # SLG46826
Description  Two High Speed General Purpose Rail-to-Rail Analog
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46826 Datasheet(HTML) 92 Page - Dialog Semiconductor

Back Button SLG46826 Datasheet HTML 88Page - Dialog Semiconductor SLG46826 Datasheet HTML 89Page - Dialog Semiconductor SLG46826 Datasheet HTML 90Page - Dialog Semiconductor SLG46826 Datasheet HTML 91Page - Dialog Semiconductor SLG46826 Datasheet HTML 92Page - Dialog Semiconductor SLG46826 Datasheet HTML 93Page - Dialog Semiconductor SLG46826 Datasheet HTML 94Page - Dialog Semiconductor SLG46826 Datasheet HTML 95Page - Dialog Semiconductor SLG46826 Datasheet HTML 96Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 165 page
background image
Datasheet
31-Jan-2018
CFR0011-120-01
Revision 2.4
92 of 165
© 2018 Dialog Semiconductor
SLG46826
GreenPAK Programmable Mixed Signal Matrix with In-System
Programmability
PRELIMINARY
13.3 OSCILLATOR2 (25 MHZ)
Figure 62: Oscillator2 Block Diagram
OSC2
(25 MHz)
Ext. CLK Sel reg <1034>
/ 2
/ 3
/ 4
/ 8
/ 12
/ 24
/ 64
0
1
2
3
4
5
6
7
To Connection Matrix
Input <32>
reg <1039:1037>
DIV /1 /2 /4 /8
reg <1036:1035>
Predivider
Second Stage
Divider
0
1
From Connection Matrix
Output <57>
PWR DOWN/
FORCE ON
Auto Power On
0
1
Force Power On
OSC Power Mode
reg <1032>
25 MHz Pre-divided Clock
Ext. Clock
OUT
PWR DWN/Force ON
Matrix Output control reg<1033>
Startup delay
reg <1052>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com