Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG55546 Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # SLG55546
Description  Meets Battery Charging Specification BC1.2 for DCP and cdp
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG55546 Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button SLG55546 Datasheet HTML 9Page - Dialog Semiconductor SLG55546 Datasheet HTML 10Page - Dialog Semiconductor SLG55546 Datasheet HTML 11Page - Dialog Semiconductor SLG55546 Datasheet HTML 12Page - Dialog Semiconductor SLG55546 Datasheet HTML 13Page - Dialog Semiconductor SLG55546 Datasheet HTML 14Page - Dialog Semiconductor SLG55546 Datasheet HTML 15Page - Dialog Semiconductor SLG55546 Datasheet HTML 16Page - Dialog Semiconductor SLG55546 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
000-00055546-102
Page 13 of 19
SLG55546
Logic Control Modes
The SLG55546 supports the listed standards above for the SDP, CDP and DCP modes using the CTL1, CTL2, and CTL3 logic
I/O control pins, although their truth tables are different as shown below. The different CTLx settings correspond to the different
types of charge modes. Also, using the Auto-Detect Mode, the Divider Mode or BC1.2 (draft) / YD/T 1591-2009 can be automat-
ically selected without external user interaction
Note:
With the SLG55546, if the “000” mode is selected, the power switch will be turned off and an output discharge resistor will be
connected, while the data line switches will be turned off.
Notes:
1. Current Limit (IOS) is automatically switched between IOS_PW and the value set by ILIM_H according to the Power Wake
Functionality.
2. DCP Load present governed by the “Power Wake” limits.
3. DCP Load present governed by the “Non-Power Wake” limits.
4. No VOUT discharge when charging between 1111 and 1110.
5. CDP Load present governed by the “Non-Power Wake” limits and SMART-CDP function.
SLG55546 Control Truth Table
CTL1
CTL2
CTL3
ILIM_SEL
MODE
Current
Limit
Settings
Status
Output
Note
0
0
0
0
Discharge
N/A
OFF
Output held LOW
0
0
0
1
Discharge
N/A
OFF
Output held LOW
0
0
1
0
DCP Auto
ILIM_H
OFF
Data Lines Disconnected
001
1
DCP Auto
IOS_PW &
ILIM_H1
DCP
Load
Present2
Data Lines Disconnected & Power Wake Function
Active
0
1
0
0
SDP1
ILIM_L
OFF
Data Lines Connected
0
1
0
1
SDP1
ILIM_H
OFF
Data Lines Connected
0
1
1
0
DCP Auto
ILIM_H
OFF
Data Lines Disconnected
0
1
1
1
DCP Auto
ILIM_H
DCP
Load
Present3
Data Lines Disconnected & Port Power Manage-
ment Function Active
100
0
DCP
Shorted
ILIM_L
OFF
Device forced to stay in DCP BC 1.2 charging mode
100
1
DCP
Shorted
ILIM_H
OFF
Device forced to stay in DCP BC 1.2 charging mode
101
0
DCP /
Divider1
ILIM_L
OFF
Device forced to stay in DCP Divider1 charging
mode
101
1
DCP /
Divider1
ILIM_H
OFF
Device forced to stay in DCP Divider1 charging
mode
1
1
0
0
SDP1
ILIM_L
OFF
Data Lines Connected
1
1
0
1
SDP1
ILIM_H
OFF
Data Lines Connected
111
0
SDP24
ILIM_L
OFF
Data Lines Connected
111
1
CDP4
ILIM_H
CDP
Load
Present5
Data Lines Connected & Port Power Management
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com