Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE6115 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6115
Description  HN Female Non-Shorting Dust Cap
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6115 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6115 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6115 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6115 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• Protects against dust and contaminants
• Protects against physical damage
• Nickel Plated Body
Applications
• General Purpose Laboratory Use
• Test and Measurement
.
Description
Pasternack’s PE6115 connector dust cap has an HN interface and a female gender. Our HN female dust cap is a non-shorting
design with a nickel plated body to ensure durability. The Pasternack non-shorting HN connector cap is part of over 40,000
RF, microwave and millimeter wave products that ship the same day.
RF connector dust caps are essential for precision connectors, protecting them from dust, corrosion and potential damage
especially to test and measurement equipment. Specific RF connector cap models come with a chain to prevent loss or
misplacement. Internal short connector cap versions are available to protect equipment from a spike in current caused by
electrostatic discharge (ESD).
Mechanical Specifications
Configuration
Connector
HN Female Non-Shorting
.
Description
Material
Plating
Body
Brass
Nickel
.
Size
Length
0.81 in [20.57 mm]
Width
0.82 in [20.83 mm]
.
Weight
0.061 lbs [27.67 g]
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: HN Female Non-Shorting Dust Cap PE6115
PE6115 REV 1.2
HN Female Non-Shorting Dust Cap
Shorts and Caps Technical Data Sheet
PE6115


Similar Part No. - PE6115

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6115 PASTERNACK-PE6115 Datasheet
204Kb / 2P
Non-Shorting Dust Cap for HN Female
More results

Similar Description - PE6115

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6113 PASTERNACK-PE6113 Datasheet
204Kb / 2P
Non-Shorting Dust Cap for HN Male
PE6114 PASTERNACK-PE6114 Datasheet
208Kb / 2P
Non-Shorting Dust Cap for HN Female With 4 Inch Chain
PE6115 PASTERNACK-PE6115 Datasheet
204Kb / 2P
Non-Shorting Dust Cap for HN Female
PE6108 PASTERNACK-PE6108_16 Datasheet
413Kb / 3P
BNC Female Non-Shorting Dust Cap
PE6111 PASTERNACK-PE6111_14 Datasheet
172Kb / 2P
C Female Non-Shorting Dust Cap
PE6113 PASTERNACK-PE6113_16 Datasheet
415Kb / 3P
HN Male Non-Shorting Dust Cap
PE6114 PASTERNACK-PE6114_16 Datasheet
419Kb / 3P
HN Female Non-Shorting Dust Cap With 4 Inch Chain
PE6116 PASTERNACK-PE6116_16 Datasheet
413Kb / 3P
N Female Non-Shorting Dust Cap
PE6120 PASTERNACK-PE6120_16 Datasheet
413Kb / 3P
SMA Female Non-Shorting Dust Cap
PE6143 PASTERNACK-PE6143_16 Datasheet
403Kb / 3P
TNC Female Non-Shorting Dust Cap
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com