Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3C0120-12 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C0120-12
Description  N Male to N Male Right Angle with Times Connectors Cable 12 Inch Length Using LMR-195 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0120-12 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C0120-12 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0120-12 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0120-12 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C0120-12 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Diameter
0.8 in [20.32 mm]
.
Weight
0.201 lbs [91.17 g]
Cable
Cable Type
LMR-195
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper
Dielectric Type
PE (F)
Number of Shields
2
Shield Layer 1
Aluminum Tape
Shield Layer 2
Tinned Copper Braid
Jacket Material
PE, Black
Jacket Diameter
0.195 in [4.95 mm]
.
One Time Minimum Bend Radius
0.5 in [12.7 mm]
Repeated Minimum Bend Radius
2 in [50.8 mm]
Bending Moment
0.2 lbs-ft [0.27 N-m]
Flat Plate Crush
15 lbs/in [0.27 Kg/mm]
Tensile Strength
40 lbs [18.14 Kg]
Connectors
Description
Connector 1
Connector 2
Type
N Male
N Male Right Angle
Impedance
50 Ohms
50 Ohms
Mating Cycles
500
Contact Material and Plating
Brass, Gold
Brass, Gold
Contact Plating Specification
50µ in. minimum
Dielectric Type
Teflon
Teflon
Coupling Nut Material and Plating
Brass, Silver
Brass, Tri-Metal
Coupling Nut Plating Specification
80µ in. minimum
Body Material and Plating
Brass, Silver
Brass, Tri-Metal
Body Plating Specification
80µ in. minimum
.
Compliance Certifications (visit www.Pasternack.com for current document)
For RoHS Compliant version, use PE3c0120LF-12. Contact Pasternack if product cannot be found.
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE3C0120-12 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: N Male to N Male Right Angle with Times Connectors Cable 12 Inch Length Using
LMR-195 Coax PE3C0120-12
RF Cable Assemblies Technical Data Sheet
PE3C0120-12
N Male to N Male Right Angle with Times Connectors
Cable 12 Inch Length Using LMR-195 Coax



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com