Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTT64G Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LTT64G
Description  TOPLED Black
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTT64G Datasheet(HTML) 1 Page - OSRAM GmbH

  LTT64G Datasheet HTML 1Page - OSRAM GmbH LTT64G Datasheet HTML 2Page - OSRAM GmbH LTT64G Datasheet HTML 3Page - OSRAM GmbH LTT64G Datasheet HTML 4Page - OSRAM GmbH LTT64G Datasheet HTML 5Page - OSRAM GmbH LTT64G Datasheet HTML 6Page - OSRAM GmbH LTT64G Datasheet HTML 7Page - OSRAM GmbH LTT64G Datasheet HTML 8Page - OSRAM GmbH LTT64G Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2013-12-03
1
2013-12-03
TOPLED Black
Datasheet
Version 2.1
LT T64G
TOPLED Black is especially designed for variable
message signs (VMS) and price changers. The black
package offers premium contrast for display panels.
TOPLED Black ist speziell für den Einsatz in
elektronischen Textanzeigen (VMS) und
Preisanzeigen entwickelt worden. Das schwarze
Gehäuse bietet exzellenten Kontrast für den Einsatz in
Displays.
Features:
Besondere Merkmale:
• Package: black PLCC-2 package, colorless resin
• Gehäusetyp: schwarzes PLCC-2 Gehäuse,
farbloser Verguss
• Technology: ThinGaN
• Technologie: ThinGaN
• Viewing angle at 50 % IV: 30°
• Abstrahlwinkel bei 50 % IV: 30°
• Color: true green (528 nm)
• Farbe: true green (528 nm)
• Corrosion Robustness: Improved corrosion
robustness
• Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Information Disyplays
• Informationsanzeigen
• Signal and Symbol Luminary
• Signal- und Symbolleuchten
• Variable Message Signs (VMS)
• Wechselanzeigen (VMS)


Similar Part No. - LTT64G

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LTT6.0MA TOKEN-LTT6.0MA Datasheet
304Kb / 3P
LTT MA Ceramic Filters for TV/VCR Stage
logo
Transko Electronics, In...
LTT6.0MA TRANSKO-LTT6.0MA Datasheet
371Kb / 1P
CERAMIC FILTER (MHz band, 4pins)
Rev. 1: Jul. 2014
logo
Token Electronics Indus...
LTT6.0MAP TOKEN-LTT6.0MAP Datasheet
304Kb / 3P
LTT MA Ceramic Filters for TV/VCR Stage
LTT6.25MA TOKEN-LTT6.25MA Datasheet
304Kb / 3P
LTT MA Ceramic Filters for TV/VCR Stage
logo
Transko Electronics, In...
LTT6.25MA TRANSKO-LTT6.25MA Datasheet
371Kb / 1P
CERAMIC FILTER (MHz band, 4pins)
Rev. 1: Jul. 2014
More results

Similar Description - LTT64G

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBT64G OSRAM-LBT64G Datasheet
714Kb / 24P
TOPLED Black
LAT68B OSRAM-LAT68B Datasheet
523Kb / 20P
TOPLED Black Surface
LTT66G OSRAM-LTT66G Datasheet
1Mb / 22P
TOPLED Black
LTT673 OSRAM-LTT673 Datasheet
479Kb / 22P
TOPLED
LVT64G OSRAM-LVT64G Datasheet
2Mb / 24P
TOPLED Black
LST67B OSRAM-LST67B Datasheet
438Kb / 19P
TOPLED
LST67D OSRAM-LST67D Datasheet
756Kb / 20P
TOPLED
LST67F OSRAM-LST67F Datasheet
493Kb / 20P
TOPLED
LWTVSG.CB OSRAM-LWTVSG.CB Datasheet
724Kb / 24P
TOPLED
LCYTWTG OSRAM-LCYTWTG Datasheet
675Kb / 23P
TOPLED Black Surface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com