Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTT66G Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LTT66G
Description  TOPLED Black
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTT66G Datasheet(HTML) 5 Page - OSRAM GmbH

  LTT66G Datasheet HTML 1Page - OSRAM GmbH LTT66G Datasheet HTML 2Page - OSRAM GmbH LTT66G Datasheet HTML 3Page - OSRAM GmbH LTT66G Datasheet HTML 4Page - OSRAM GmbH LTT66G Datasheet HTML 5Page - OSRAM GmbH LTT66G Datasheet HTML 6Page - OSRAM GmbH LTT66G Datasheet HTML 7Page - OSRAM GmbH LTT66G Datasheet HTML 8Page - OSRAM GmbH LTT66G Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Version 2.1
LT T66G
2013-12-03
5
Brightness Groups
Helligkeitsgruppen
Exemplary average Lifetime for median Brightness Group
Exemplarische durchschnittliche Lebensdauer für mittlere Helligkeitsgruppen
Group
Luminous Intensity
1) page 21
Luminous Intensity
1) page 21
Luminous Flux 6) page 21
Gruppe
Lichtstärke 1)Seite 21
Lichtstärke 1) Seite 21
Lichtstrom 6) Seite 21
(min.) Iv [mcd]
(max.) Iv [mcd]
(typ.) ΦV [mlm]
BB
2240
2800
2520
CA
2800
3550
3175
CB
3550
4500
4025
DA
4500
5600
5050
Note:
The standard shipping format for serial types includes either a lower family group, an upper family group or a grouping of all individual brightness groups
of only a few brightness groups. Individual brightness groups cannot be ordered.
Anm.:
Die Standardlieferform von Serientypen beinhaltet entweder eine untere Familiengruppe, eine obere Familiengruppe oder eine Sammelgruppe, die aus
nur wenigen Helligkeitsgruppen besteht. Einzelne Helligkeitsgruppen sind nicht bestellbar.
Conditions / Bedingungen
Median Lifetime / Mittlere
Lebensdauer
Unit / Einheit
IF = 10 mA, TA = 55 °C
20.000
operating hours



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com