Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M57962 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # M57962
Description  Gate Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

M57962 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  M57962 Datasheet HTML 1Page - Powerex Power Semiconductors M57962 Datasheet HTML 2Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
152
M57962L
Hybrid IC for IGBT Gate Driver
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Absolute Maximum Ratings, Ta ~ 20°C to 70°C unless otherwise specified
Item
Symbol
Test Conditions
Limit
Units
Supply Voltage*
VCC
DC
18
Volts
VEE
DC
-15
Volts
Input Voltage
VI
-1 ~ 7
Volts
Output Voltage
VO
Output Voltage “H”
VCC
Volts
Output Current
IOHP
Pulse Width 2
µs, f = 20kHz
-5
Amperes
IOLP
Pulse Width 2
µs, f = 20kHz
5
Amperes
Output Current
IOH
f = 20kHz, 50% Duty Cycle
0.5
Amperes
Isolation Voltage
VRMS
Sinewave Voltage 60kHz, 1 min.
2500
Volts
Junction Temperature
Tj
85
°C
Operating Temperature
Topg
(Differs from H/C Condition)
-20 ~ 60
°C
Storage Temperature
tstg
-25 ~ 100
°C
Fault Output Current
IFO
20
mA
Input Voltage
VR1
50
Volts
*20 Volts
≤ VCC + VEE ≤ 28 Volts
Electrical Characteristics, Ta = 25°C, VCC = 15V, -VEE = 10V unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
VCC
Recommended Range
14
15
—
Volts
VEE
Recommended Range
-7
—
-10
Volts
Pull-up Voltage on Input Side
VIN
Recommended Range
4.75
5.00
5.25
Volts
“H” Input Current
IIH
VIN = 5V, R = 185Ω
—16
—
mA
“H” Output Voltage
VOH
13
14
—
Volts
“L” Output Voltage
VOL
-8
-9
—
Volts
Internal Power Dissipation
PD
f = 20kHz,
—
2.38
—
Watts
Module 400A, 1200V IGBT
“L-H” Propagation Time
tPLH
VI = 0 to 4V, Tj ± 85°C
—
1.0
1.5
µs
“L-H” Rise Time
tr
VI = 0 to 4V, Tj ± 85°C
—
0.6
1.0
µs
“H-L” Propagation Time
tPHL
VI = 0 to 4V, Tj ± 85°C
—
1.0
1.5
µs
“H-L” Rise Time
tr
VI = 0 to 4V, Tj ± 85°C
—
0.4
1.0
µs
Reset Time of Protection
tRESET
1—
2
ms
Fault Output Current
IFO
—5
—
mA
SC Voltage
VSC
15
—
—
Volts



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com