Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIG300J2CSB1W Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # MIG300J2CSB1W
Description  Compact IPM Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

MIG300J2CSB1W Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  MIG300J2CSB1W Datasheet HTML 1Page - Powerex Power Semiconductors MIG300J2CSB1W Datasheet HTML 2Page - Powerex Power Semiconductors MIG300J2CSB1W Datasheet HTML 3Page - Powerex Power Semiconductors MIG300J2CSB1W Datasheet HTML 4Page - Powerex Power Semiconductors MIG300J2CSB1W Datasheet HTML 5Page - Powerex Power Semiconductors MIG300J2CSB1W Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
MIG300J2CSB1W
Compact IPM Series Dual Module
300 Amperes/600 Volts
4
Rev. 8/05
Thermal Characteristics
Characteristic
Symbol
Condition
Min.
Typ.
Max.
Units
Junction to Case
Rth(j-c)Q
IGBT (Per 1/2 Module)
—
—
0.078 °C/Watt
Thermal Resistance
Rth(j-c)D
FWDi (Per 1/2 Module)
—
—
0.130 °C/Watt
Contact Thermal Resistance
Rth(c-f)
—
—
0.017
—
°C/Watt
Recommended Conditions for Use
Characteristic
Symbol
Condition
Min.
Typ.
Max.
Units
Supply Voltage
VCC
P-N Power Terminals
—
300
400
Volts
Control Supply Voltage
VD
VD-GND Signal terminal
13.5
15
16.5
Volts
Switching Frequency
fC
PMW Control
—
—
20
kHz
Dead Time*
tDEAD
—
5
—
—
µs
*The table lists Dead Time requirements for the module input, excluding photocoupler delays. When specifying Dead Time requirements for the photocoupler input, please add photocoupler
delays to the Dead Time given above.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com