Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS952802 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS952802
Description  Programmable Timing Control Hu for P4 processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952802 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS952802 Datasheet HTML 1Page - Integrated Circuit Systems ICS952802 Datasheet HTML 2Page - Integrated Circuit Systems ICS952802 Datasheet HTML 3Page - Integrated Circuit Systems ICS952802 Datasheet HTML 4Page - Integrated Circuit Systems ICS952802 Datasheet HTML 5Page - Integrated Circuit Systems ICS952802 Datasheet HTML 6Page - Integrated Circuit Systems ICS952802 Datasheet HTML 7Page - Integrated Circuit Systems ICS952802 Datasheet HTML 8Page - Integrated Circuit Systems ICS952802 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Integrated
Circuit
Systems, Inc.
ICS952802
Advance Information
0731—09/18/02
Pin Configuration
Recommended Application:
SiS755/760 style chipset for AMD K8 Processor
Output Features:
2 - Pairs of differential push-pull K8CPU outputs
10 - PCICLK @ 3.3V
2 - AGPCLK @ 3.3V
3 - REF @ 3.3V
2 - ZCLK @ 3.3V
1 - 24_48MHz @ 3.3V
1 - 12_48MHz @ 3.3V
1 - PCI_12MHz @ 3.3V
Key Specifications:
CPU Output Jitter <250ps
AGP Output Jitter <250ps
Programmable Timing Control Hub™ for P4™ processor
Functionality
Features/Benefits:
Selectable synchronous/asynchronous AGP/PCI/ZCLK
frequency
Linear Programmable output frequency.
Programmable output divider ratios.
Programmable output rise/fall time.
Programmable output skew.
Programmable spread percentage for EMI control.
Watchdog timer technology and system reset function
Programmable watch dog safe frequency.
Support I2C Index read/write and block read/write
operations.
Uses external 14.318MHz reference input.
ADVANCE INFORMATION documents contain information on products in the formative or design phase development. Characteristic data and other specifications are design goals.
ICS reserves the right to change or discontinue these products without notice. Third party brands and names are the property of their respective owners.
VDDREF 1
48 CPU_STOP#/Reset#*
*FS0/REF0 2
47 GNDCPU
**FS1/REF1 3
46 CPUCLK8T1
**FS2/REF2 4
45 CPUCLK8C1
GNDREF 5
44 VDDCPU
X1 6
43 VDDCPU
X2 7
42 CPUCLK8T0
GNDZ 8
41 CPUCLK8C0
ZCLK0 9
40 GNDCPU
ZCLK1 10
39 AGND
VDDZ 11
38 AVDD
*PCI_STOP#/PCICLK8 12
37 PD#*
**FS3/PCICLK_F0 13
36 GNDAGP
**FS4/PCICLK_F1 14
35 AGPCLK0
VDDPCI 15
34 AGPCLK1
GNDPCI 16
33 VDDAGP
PCICLK0 17
32 SCLK
PCICLK1 18
31 AVDD48
PCICLK2 19
30 12_48MHz/SEL12_48#**
PCICLK3 20
29 24_48MHz/SEL24_48#*~
PCICLK4 21
28 GND48
PCICLK5 22
27 SDATA
GNDPCI 23
26 PCICLK7/12MHz/SELPCI_12#**
VDDPCI 24
25 PCICLK6/SEL_Reset#*
48-SSOP
* Internal Pull-Up Resistor
** Internal Pull-Down Resistor
~ This Output has 1.5X Drive Strength
Bit4
Bit3
Bit2
Bit1
Bit0
CPU
ZCLK
AGP
PCI
FS4
FS3
FS2
FS1
FS0
MHz
MHz
MHz
MHz
00000
160.00
106.66
53.33
26.66
00001
200.00
133.33
66.67
33.33
00010
200.00
133.33
66.67
33.33
00011
200.00
160.00
66.67
33.33
00100
186.66
106.67
53.33
26.66
00101
233.33
133.33
66.67
33.33
00110
233.33
133.33
66.67
33.33
00111
233.33
155.55
66.67
33.33
01000
213.34
106.66
53.33
26.66
01001
266.67
133.33
66.67
33.33
01010
266.67
133.33
66.67
33.33
01011
266.67
160.00
66.67
33.33
01100
133.34
106.66
53.33
26.66
01101
166.67
133.33
66.67
33.33
01110
166.67
133.33
66.67
33.33
01111
166.67
166.66
66.67
33.33
10000
206.00
137.33
68.67
34.33
10001
210.00
140.00
70.00
35.00
10010
202.00
134.66
67.33
33.66
10011
202.00
161.60
67.33
33.66
10100
240.33
137.33
68.67
34.33
10101
245.00
140.00
70.00
35.00
10110
235.66
134.67
67.33
33.66
10111
235.66
157.11
67.33
33.66
11000
106.66
106.66
53.33
26.66
11001
133.33
133.33
66.67
33.33
11010
133.33
133.33
66.67
33.33
11011
133.33
177.77
66.67
33.33
11100
171.67
137.33
68.67
34.33
11101
175.00
140.00
70.00
35.00
11110
168.34
134.66
67.33
33.66
1
1
1
1
1
168.34
168.33
67.33
33.66


Similar Part No. - ICS952802

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952801 ICST-ICS952801 Datasheet
191Kb / 22P
Programmable Timing Control HubTM for K8TM processor
ICS952801YFT ICST-ICS952801YFT Datasheet
191Kb / 22P
Programmable Timing Control HubTM for K8TM processor
More results

Similar Description - ICS952802

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952004 ICST-ICS952004 Datasheet
173Kb / 10P
Programmable Timing Control Hub??for P4??processor
ICS932S208 ICST-ICS932S208 Datasheet
145Kb / 20P
Programmable Timing Control Hub??for Next Gen P4??processor
ICS954119 ICST-ICS954119 Datasheet
217Kb / 17P
Programmable Timing Control Hub??for Next Gen P4??processor
revision.
ICS951402 ICST-ICS951402 Datasheet
289Kb / 23P
Programmable Timing Control Hub for P4 processor
ICS952003 ICST-ICS952003 Datasheet
198Kb / 18P
Programmable Timing Control Hub for P4??processor
ICS952011 ICST-ICS952011 Datasheet
170Kb / 25P
Programmable Timing Control Hub for P4 processor
ICS952906A ICST-ICS952906A Datasheet
301Kb / 23P
Programmable Timing Control Hub for Next Gen P4??processor
logo
Integrated Device Techn...
ICS952003 IDT-ICS952003 Datasheet
199Kb / 18P
Programmable Timing Control Hub??for P4??processor
logo
Renesas Technology Corp
954310 RENESAS-954310 Datasheet
347Kb / 22P
Programmable Timing Control Hub™ for P4™ processor
Mar 2020
ICS952011 RENESAS-ICS952011 Datasheet
357Kb / 26P
Programmable Timing Control Hub™ for P4™ processor
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com