Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM6584 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6584
Description  TFT-LCD Quad, 13V RRIO High Output Current
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6584 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM6584 Datasheet HTML 1Page - National Semiconductor (TI) LM6584 Datasheet HTML 2Page - National Semiconductor (TI) LM6584 Datasheet HTML 3Page - National Semiconductor (TI) LM6584 Datasheet HTML 4Page - National Semiconductor (TI) LM6584 Datasheet HTML 5Page - National Semiconductor (TI) LM6584 Datasheet HTML 6Page - National Semiconductor (TI) LM6584 Datasheet HTML 7Page - National Semiconductor (TI) LM6584 Datasheet HTML 8Page - National Semiconductor (TI) LM6584 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Human Body Model
2KV
Machine Model
200V
Supply Voltage (V
+ -V−)
14V
Differential Input Voltage
±5.5V
Output Short Circuit to Ground (Note 3)
Continuous
Storage Temperature Range
−65˚C to 150˚C
Input Common Mode Voltage
V
− to V+
Junction Temperature (Note 4)
150˚C
Operating Ratings (Note 1)
Supply Voltage
5V
≤ V
S
≤ 13V
Temperature Range
−40˚C to +85˚C
Thermal Resistance (
θ
JA)
SOIC-14
145˚C/W
TSSOP-14
155˚C/W
13V DC Electrical Characteristics (Note 13)
Unless otherwise specified, all limits guaranteed for at T
J = 25˚C, VCM =
1
⁄2V
S and RL =2k
Ω. Boldface limits apply at the tem-
perature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
OS
Input Offset Voltage
0.7
4
6
mV
TC V
OS
Input Offset Voltage Average
Drift
5
µV/˚C
I
B
Input Bias Current
−0.3/+0.3
±1
±7
µA
I
OS
Input Offset Current
16
150
300
nA
R
IN
Input Resistance
Common Mode
20
M
Ω
Differential Mode
0.5
CMRR
Common Mode Rejection
Ratio
V
CM = 0 to +13V
75
70
103
dB
V
CM = 0 to 11.5V
78
72
103
PSRR
Power Supply Rejection Ratio
V
CM = ±1V
75
70
103
dB
CMVR
Input Common-Mode Voltage
Range
CMRR > 50dB
13.2
0
13
−0.2
V
A
V
Large Signal Voltage Gain
(Note 7)
R
L =2k
Ω,V
O = 0.5 to +12.5V
78
72
108
dB
V
O
Output Swing High
R
L =2k
Ω
12.85
12.7
12.9
V
Output Swing Low
R
L =2k
Ω
0.55
0.150
I
SC
Output Short Circuit Current
(Note 11)
Sourcing
200
320
mA
Sinking
200
420
I
CONT
Continuous Output Current
(Note 12)
Sourcing
75
mA
Sinking
75
I
S
Supply Current (per Amp)
780
1100
1350
µA
13V AC Electrical Characteristics (Note 13)
Unless otherwise specified, all limits guaranteed for at T
J = 25˚C, VCM =
1
⁄2V
S and RL =2k
Ω. Boldface limits apply at the tem-
perature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
SR
Slew Rate (Note 9)
A
V = +1, VIN = 10VPP
8
15
V/µs
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com