Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3C0141-36 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C0141-36
Description  7/16 DIN Male to 7/16 DIN Male Cable 36 Inch Length Using LMR-SW540 Coax
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0141-36 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C0141-36 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0141-36 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0141-36 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
7/16 DIN Male to 7/16 DIN Male Cable 36 Inch Length Using LMR-SW540 Coax
Configuration
Connector 1
7/16 DIN Male
Connector 1 Specification
IEC60169-4
Connector 2
7/16 DIN Male
Connector 2 Specification
IEC60169-4
Cable Type
LMR-SW540
Impedance, Ohms
50
Mechanical Specifications
Cable Assembly
Cable Type
LMR-SW540
Temperature
Temperature Operating Range, deg C
-40 to +85
Temperature Storage Range, deg C
-40 to +85
Size
Length, in [mm]
36 [914.4]
Diameter, in [mm]
1.25 [31.75]
.
Weight, lbs [g]
0.922 [418.21]
Cable Color
Black
One Time Minimum Bend Radius, in [mm]
3 [76.2]
Repeated Minimum Bend Radius, in [mm]
0 [0]
Cable
No of Shields
1
Dielectric Type
PE (F)
Jacket Material
PE
Jacket Diameter, in [mm]
0.61 [15.49]
Connector 1
Type
7/16 DIN Male
Configuration
Straight
Inner Conductor Material and Plating
Spring Copper, Silver
Inner Conductor Plating Specification
200µ in. minimum
Coupling Nut Material and Plating
Brass, Tri-Metal
Coupling Nut Plating Specification
80µ in. minimum
Hex Size, in
1 1/4
Torque, ft-lbs [Nm]
18.417 [24.97]
Body Material and Plating
Brass, Tri-Metal
Body Plating Specification
80µ in. minimum
Dielectric Type
TPX
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information includ-
ing price, inventory and certifications: 7/16 DIN Male to 7/16 DIN Male Cable 36 Inch Length Using LMR-SW540 Coax
PE3C0141-36
PE3C0141-36 REV
PE3C0141-36
7/16 DIN Male to 7/16 DIN Male Cable 36 Inch
Length Using LMR-SW540 Coax


Similar Part No. - PE3C0141-36

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0141-12 PASTERNACK-PE3C0141-12 Datasheet
334Kb / 3P
7/16 DIN Male to 7/16 DIN Male Cable 12 Inch Length Using LMR-SW540 Coax
PE3C0141-24 PASTERNACK-PE3C0141-24 Datasheet
334Kb / 3P
7/16 DIN Male to 7/16 DIN Male Cable 24 Inch Length Using LMR-SW540 Coax
PE3C0141-48 PASTERNACK-PE3C0141-48 Datasheet
346Kb / 3P
7/16 DIN Male to 7/16 DIN Male Cable 48 Inch Length Using LMR-SW540 Coax
PE3C0141-60 PASTERNACK-PE3C0141-60 Datasheet
346Kb / 3P
7/16 DIN Male to 7/16 DIN Male Cable 60 Inch Length Using LMR-SW540 Coax
More results

Similar Description - PE3C0141-36

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3205-36 PASTERNACK-PE3205-36 Datasheet
353Kb / 4P
7/16 DIN Male to 7/16 DIN Male Cable 36 Inch Length Using RG393 Coax
PE3205LF-36 PASTERNACK-PE3205LF-36 Datasheet
353Kb / 4P
7/16 DIN Male to 7/16 DIN Male Cable 36 Inch Length Using RG393 Coax
PE3C0138-24 PASTERNACK-PE3C0138-24 Datasheet
334Kb / 3P
7/16 DIN Male to 7/16 DIN Male Cable 24 Inch Length Using LMR-SW396 Coax
PE3C0138-36 PASTERNACK-PE3C0138-36 Datasheet
334Kb / 3P
7/16 DIN Male to 7/16 DIN Male Cable 36 Inch Length Using LMR-SW396 Coax
PE3C0138-60 PASTERNACK-PE3C0138-60 Datasheet
334Kb / 3P
7/16 DIN Male to 7/16 DIN Male Cable 60 Inch Length Using LMR-SW396 Coax
PE3C0141 PASTERNACK-PE3C0141 Datasheet
333Kb / 3P
7/16 DIN Male to 7/16 DIN Male Cable Using LMR-SW540 Coax
PE3C0141-12 PASTERNACK-PE3C0141-12 Datasheet
334Kb / 3P
7/16 DIN Male to 7/16 DIN Male Cable 12 Inch Length Using LMR-SW540 Coax
PE3C0141-24 PASTERNACK-PE3C0141-24 Datasheet
334Kb / 3P
7/16 DIN Male to 7/16 DIN Male Cable 24 Inch Length Using LMR-SW540 Coax
PE3C0141-48 PASTERNACK-PE3C0141-48 Datasheet
346Kb / 3P
7/16 DIN Male to 7/16 DIN Male Cable 48 Inch Length Using LMR-SW540 Coax
PE3C0141-60 PASTERNACK-PE3C0141-60 Datasheet
346Kb / 3P
7/16 DIN Male to 7/16 DIN Male Cable 60 Inch Length Using LMR-SW540 Coax
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com