Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN60H080DS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN60H080DS
Description  N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN60H080DS Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN60H080DS Datasheet HTML 1Page - Diodes Incorporated DMN60H080DS Datasheet HTML 2Page - Diodes Incorporated DMN60H080DS Datasheet HTML 3Page - Diodes Incorporated DMN60H080DS Datasheet HTML 4Page - Diodes Incorporated DMN60H080DS Datasheet HTML 5Page - Diodes Incorporated DMN60H080DS Datasheet HTML 6Page - Diodes Incorporated DMN60H080DS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMN60H080DS
Document number: DS39475 Rev. 3 - 2
4 of 7
www.diodes.com
May 2017
© Diodes Incorporated
DMN60H080DS
0
20
40
60
80
100
120
140
160
180
200
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (℃)
Figure 7. On-Resistance Variation with Temperature
V
GS = 10V, ID = 60mA
V
GS = 4.5V, ID = 60mA
0.001
0.01
0.1
0
0.3
0.6
0.9
1.2
1.5
VSD, SOURCE-DRAIN VOLTAGE (V)
Figure 9. Diode Forward Voltage vs. Current
T
J = 125
oC
T
J = 85
oC
T
J = 25
oC
T
J = -55
oC
V
GS = 0V
T
J= 150
oC
1
10
100
0
20
40
60
80
100 120 140 160 180 200
VDS, DRAIN-SOURCE VOLTAGE (V)
Figure 10. Typical Junction Capacitance
f=1MHz
C
rss
C
oss
C
iss
0
2
4
6
8
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Qg (nC)
Figure 11. Gate Charge
V
DS = 300V, ID = 10mA
0.0001
0.001
0.01
0.1
1
1
10
100
1000
VDS, DRAIN-SOURCE VOLTAGE (V)
Figure 12. SOA, Safe Operation Area
P
W =10s
P
W =10ms
P
W =100µs
DC
R
DS(ON) Limited
P
W =1ms
P
W =100ms
T
J(Max) = 150℃ TC = 25℃
Single Pulse
DUT on 1*MRP Board
V
GS= 10V
P
W =1s
0
0.5
1
1.5
2
2.5
3
3.5
4
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (℃)
Figure 8. Gate Threshold Variation vs. Junction
Temperature
I
D = 250μA
I
D = 1mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com