Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE6169 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6169
Description  Medium Power 50 Watts RF Load Up To 4 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6169 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6169 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6169 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6169 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
7/16 DIN Male
Heat Sink
Black Anodized Aluminum Heatsink
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 4
Impedance, Ohms
50
Maximum VSWR
1.25:1
Maximum Input Power, Watts
50
Peak Power, KWatts
5
Frequency 1
Frequency, GHz
DC to 2
VSWR
1.15:1
Frequency 2
Frequency, GHz
2 to 4
VSWR
1.25:1
Mechanical Specifications
Size
Length, in [mm]
5.15 [130.81]
Width/Dia., in [mm]
2.765 [70.23]
Height, in [mm]
3.5 [88.9]
.
Connector
Type
7/16 DIN Male
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
PE6169
PE6169 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Medium Power 50 Watts RF Load Up To 4 GHz With 7/16 DIN Male Input Square Body Black
Anodized Aluminum Heatsink PE6169
Medium Power 50 Watts RF Load Up To 4 GHz With 7/16 DIN
Male Input Square Body Black Anodized Aluminum Heatsink


Similar Part No. - PE6169

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6160 PASTERNACK-PE6160 Datasheet
137Kb / 1P
SMP FEMALE TERMINATION
PE6160 PASTERNACK-PE6160 Datasheet
440Kb / 4P
1 Watt RF Load Up to 18 GHz With SMP Female Input Gold Plated Brass
PE6160 PASTERNACK-PE6160_16 Datasheet
440Kb / 4P
1 Watt RF Load Up to 18 GHz With SMP Female Input Gold Plated Brass
PE6161 PASTERNACK-PE6161 Datasheet
107Kb / 1P
SMP MALE TERMINATION
PE6161 PASTERNACK-PE6161 Datasheet
436Kb / 4P
1 Watt RF Load Up to 18 GHz with SMP Male Limited Detent Gold over Nickel Plated Brass
More results

Similar Description - PE6169

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6211 PASTERNACK-PE6211 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz With SMA
PE6212 PASTERNACK-PE6212 Datasheet
249Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz With SMA
PE6213 PASTERNACK-PE6213 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz
PE6214 PASTERNACK-PE6214 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz
PE6215 PASTERNACK-PE6215 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz
PE6216 PASTERNACK-PE6216 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz With TNC
PE6188 PASTERNACK-PE6188 Datasheet
203Kb / 3P
Medium Power 50 Watts RF Load Up To 4 GHz With N Male
PE6112 PASTERNACK-PE6112_14 Datasheet
179Kb / 2P
Medium Power 50 Watts RF Load Up To 7 GHz
PE6166 PASTERNACK-PE6166_14 Datasheet
177Kb / 3P
Medium Power 50 Watts RF Load Up To 4 GHz With SMA
PE6167 PASTERNACK-PE6167_14 Datasheet
206Kb / 3P
Medium Power 50 Watts RF Load Up To 4 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com