Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE6173 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE6173
Description  1 Watt RF Load Up to 40 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6173 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE6173 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6173 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6173 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE6173 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
PE6173 REV 1.1
1 Watt RF Load Up to 40 GHz with 2.92mm Male Passivated Stainless Steel
PE6173
CAD Drawing



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com