Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDT Datasheet(PDF) 2 Page - Tyco Electronics

Part # SDT
Description  10 Amp Miniature Power PC Board Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SDT Datasheet(HTML) 2 Page - Tyco Electronics

  SDT Datasheet HTML 1Page - Tyco Electronics SDT Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
475
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
OEG
Catalog 1308242
Issued 3-03
Reference Data
Wiring Diagram (Bottom View)
Outline Dimensions
Operating Voltage
Operate Time
Life Expectancy
PC Board Layout (Bottom View)
Ordering Information
Typical Part Number
B
SDT
-SS
-1
12
D
M
,000
1. Basic Series:
SDT = Miniature Power PC board relay.
2. Enclosure:
SS = Vented (Flux-tight) * plastic cover.
SH = Sealed, plastic case.
3. Termination:
1 = 1 pole
4. Coil Voltage:
05 = 5VDC
09 = 9VDC
24 = 24VDC
06 = 6VDC
12 = 12VDC
48 = 48VDC
5. Coil Input:
D = Standard
6. Contact Arrangement:
M = 1 Form A, SPST-NO
7. Suffix:
,000 = Standard model
Other Suffix = Custom model
* Not suitable for immersion cleaning processes.
12
10
8
6
4
2
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Coil Power (W)
Release Time
Operate Time
-40 -20
Ambient Temp. (
°C)
20
0
20 40 60
80 100
40
60
80
100
120
140
160
0
180
120 140
Operating
Votage Range
Pick-Up Voltage
Cool Coil
Hot Coil Applied
Maximum
Allowable
Coil Voltage
5A
1A
1A
5A
100
1
Contact Current (A)
10
1
2
3
4
5
6
0
250VAC, 30VDC
Resistive
7
Note: This data is based on the max. allowable
temperature for E type insulation coil (115
°C).
.409
± .02
(10.4
± .5)
.031
(.8)
.96
± .02
(24.4
± .5)
.018
(.45)
.984
± .02
(25.0
± .5)
.012
(.3)
.100
(2.55)
.018
(.4)
.031
(.8)
.646
± .012
(16.4
± .3)
.295
± .010
(7.5
± .25)
.38
± .008
(3.5
± .2)
.646 – .004
(16.4 – .1)
.295 – .004
(7.5 – .1)
4 — .05 DIA
(1.3)
.38 – .004
(3.5 – .1)
None at present.
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com