Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCF4-1000 Datasheet(PDF) 2 Page - Tyco Electronics

Part # VCF4-1000
Description  40 Amp Relay With PC Board or Quick Connect Terminals for Automotive Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

VCF4-1000 Datasheet(HTML) 2 Page - Tyco Electronics

  VCF4-1000 Datasheet HTML 1Page - Tyco Electronics VCF4-1000 Datasheet HTML 2Page - Tyco Electronics VCF4-1000 Datasheet HTML 3Page - Tyco Electronics VCF4-1000 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1018
TYCO ELECTRONICS
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Safe breaking, arc extinguished (normally open contact) for resistive loads.
Assumptions:
1. Thermal resistance = 50°C per watt
2. Still air
3. Nominal coil resistance
4. Maximum mean coil temperature = 180°C
5. Coil temperature rise due to load
= 2°C @ 8 amps
= 5°C @ 16 amps
= 11°C @ 24 amps
= 20°C @ 32 amps
= 32°C @ 40 amps
6. Thermal resistance and power dissipation
based on coil resistance at 180°C
7. Curves are based on 1.6 watts at 23°C
8. When full lifetime is at high ambient and high
load current, subtract 25°C from maximum
allowable ambient temperature.
100
90
80
70
60
50
40
90
95
100
105
110
115
120
125
130
135
140
145
150
Applied Coil Voltage (% of Rated Nominal)
30
110
120
130
0 Amp Contact Load
8 Amp Contact Load
16 Amp Contact Load
24 Amp Contact Load
32 Amp Contact Load
40 Amp Contact Load
60
50
40
30
20
10
0.5
1
2
3
4
5
710
30
20
Switching Current (Amps)
75
40
10
0W
20
0W
50
0W
Figure 1 – Limiting Curve for Power Load
Figure 2 – Ambient Temperature vs. Coil Voltage for Continuous Duty
Ordering Information
Contact
Contact
Part Number
Arrangement
Material
Enclosure
Terminals
VF4-11 * 11
1 Form A
AgNi0.15
Dust cover
Quick connect
VF4-11 * 13
1 Form A
AgNi0.15
Dust cover
Printed circuit
VF4-15 * 11
1 Form C
AgNi0.15
Dust cover
Quick connect
VF4-15 * 13
1 Form C
AgNi0.15
Dust cover
Printed circuit
VF4-25 * 11
1 Form C
AgNi0.15
Shrouded dust cover
Quick connect
VF435 * 11
1 Form C
AgNi0.15
Weatherproof cover
Quick connect
VF4-41 * 11
1 Form A
AgNi0.15
Dust cover with bracket
Quick connect
VF4-45 * 11
1 Form C
AgNi0.15
Dust cover with bracket
Quick connect
VF4-45 * 21
1 Form C
AgSnO
Dust cover with bracket
Quick connect
VF4-51 * 11
1 Form A
AgNi0.15
Shrouded dust cover with bracket
Quick connect
VF4-55 * 11
1 Form C
AgNi0.15
Shrouded dust cover with bracket
Quick connect
VF4-61 * 11
1 Form A
AgNi0.15
Weatherproof cover with bracket
Quick connect
VF4-65 * 11
1 Form C
AgNi0.15
Weatherproof cover with bracket
Quick connect
VF4-81 * 11
1 Form A
AgNi0.15
Dust cover with molded bracket
Quick connect
VF4-85 * 11
1 Form C
AgNi0.15
Dust cover with molded bracket
Quick connect
*Standard Coil Voltages:
D = 6VDC (Consult factory for availability).
Optional Coil Suppression
F = 12VDC
Add suffix -S07 for 180 ohm resistor in parallel with 6VDC coil.
H = 24VDC (Consult factory for availability).
Add suffix -S01 for 680 ohm resistor in parallel with 12VDC coil.
Add suffix -S08 for 2,700 ohm resistor in parallel with 24VDC coil.
Epoxy Sealed Construction
Add suffix -C01 for epoxy sealed unit.
Add suffix -C05 for epoxy sealed unit with resistor.
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
VF4-15F11
VF4-15F13
VF4-45F11
VF4-15H11
VF4-15H13
VF4-65F11-S01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com