Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCF4-1003 Datasheet(PDF) 1 Page - Tyco Electronics

Part # VCF4-1003
Description  40 Amp Relay With PC Board or Quick Connect Terminals for Automotive Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

VCF4-1003 Datasheet(HTML) 1 Page - Tyco Electronics

  VCF4-1003 Datasheet HTML 1Page - Tyco Electronics VCF4-1003 Datasheet HTML 2Page - Tyco Electronics VCF4-1003 Datasheet HTML 3Page - Tyco Electronics VCF4-1003 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1017
TYCO ELECTRONICS
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Mechanical Data
Termination: 0.250" quick connect and printed circuit terminals.
Enclosures:
Dust Cover: Protects relay from dust. For use in passenger
compartment or enclosures.
Shrouded Dust Cover: Protects relay and relay connector (order
separately) from dust and splash.
Weatherproof Cover: Mates with a connector (order separately) to seal
relay from salt spray etc. Recommended for under
hood application.
Cover Retention: Dust cover will withstand a 33.7 pound (150 Newton)
force (axially applied) without detachment. Ultrasonic
cover: 50 pound (220 Newton).
Weight: 31g (1.1 oz.) approximately (dust cover model).
Contact Data
Arrangements: 1 Form A (SPST-NO) and 1 Form C (SPDT).
Material: AgNi 0.15 (consult factory for other contact materials).
Max. Switching Rate: 20 operations per second with no contact load.
6 operations per minute for rated life at rated load.
Max. Switching Voltage: 75VDC(1).
Max. Load Current (@ 14VDC Load Voltage):
VF4 series
40 Amp Relay
With PC Board or
Quick Connect Terminals
for Automotive Applications
Features
• 40A continuous contact rating @ 85°C.
• 1 Form A and 1 Form C arrangements.
• Plug-in or PC board terminals.
• Optional mounting bracket.
• Various enclosure options.
Conditions
All parametric, environmental and life tests are performed according to EIA
Standard RS-407-A at standard test conditions (23°C Ambient, 20-50% RH,
29.5 ± 1.0" Hg.) unless otherwise noted.
Coil Data
Voltage: 6, 12 and 24VDC.
Resistance: See Coil Data table.
Nom. Power: (@ 23°C coil temp. and rated coil voltage.):
1.6W, unsuppressed.
1.81W, with 680 ohm resistor.
Thermal Resistance: 50°C per actual coil watt in still air with no contact
load current.
Operate Data
Must Operate and Must Release Voltage: See Coil Data table.
Initial Operate Time: 7 milliseconds, typical, with rated coil voltage
applied.
Initial Release Time: 2 milliseconds, typical, with zero volts applied (for
unsuppressed relays after having been energized at
rated coil voltage.)
Notes
(1) See Figure 1.
(2) Inrush current for lamp load.
(3) Allowable overdrive is rated at ambient temperature for 23°C or 85°C as
stated with no load current flowing through the relay contacts and
minimum coil resistance. Also see Figure 2 for maximum ambient
temperature versus applied coil voltage.
(4) See Figure 2.
(5) Current and times are compatible with circuit protection by a typical
automotive circuit breaker. Relay will make, carry and break the
specified current.
Initial Dielectric Strength
Between Contacts and Coil: 500V rms.
Environmental Data
Temperature Range: Storage: -40°C to +155°C.
Operating: -40°C to +125°C (4).
Shock: 20g, 11 milliseconds, half sine wave pulse.
Vibration: (For NC contacts, NO contacts are significantly higher.)
10-40 Hz., 1.27mm double amplitude.
40-70 Hz., 5 g's constant.
70-100 Hz., 0.5mm double amplitude.
100-500 Hz., 10 g's constant.
Max. Switching Power: 50-500 watts DC (voltage dependent) (1).
Min. Recommended Current: 1 amp @ 12VDC.
Initial Voltage Drop: 200 millivolts, maximum, for normally open contacts
@ 40 amp contact load.
250 millivolts, maximum, for normally closed
contacts @ 30 amp contact load.
Expected Life: 10 million operations, mechanical; 100,000 operations at 40
amps, 14VDC, resistive load on normally open contact.
Coil Data
Abnormal Operation
Overload Current: Consult factory.
24V Jump Start: 24VDC for 5 minutes conducting rated contact current
@ 23°C.
Drop Test: Capable of meeting specifications after a 3.28 foot (1.0 meter)
drop onto concrete.
Flammability: UL94V-0 external; UL94-HB or better, internal parts (meets
FMVSS 302).
Load
Form A
Form C
(NO)
NO
NC
Max. Continuous Current
60A
60A
40A
Max. Make Current (2)
120A
120A
45A
Max. Break Current (1)
60A
60A
40A
Coil
Rated Coil
Coil
Coil
Must-Operate
Must-Release
Allowable (3)
Designator
Voltage
Resistance
Inductance
Voltage
Voltage
Overdrive
(VDC)
±10% (Ohms)
(H) (Ref.)
(VDC)
(VDC)
(VDC)
@ 23°C
@ 85°C
D
6
22.5
0.2
3.6
0.6
10.1
7.9
F
12
90
0.8
7.2
1.2
20.2
15.7
H
24
360
2.7
14.4
2.4
40.5
31.5
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that users also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.


Similar Part No. - VCF4-1003

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
VCF4-1000 MACOM-VCF4-1000 Datasheet
29Kb / 1P
Connectors for VTF
logo
TE Connectivity Ltd
VCF4-1000 TEC-VCF4-1000 Datasheet
150Kb / 1P
Connectors for Mini ISO Relays
logo
Tyco Electronics
VCF4-1001 MACOM-VCF4-1001 Datasheet
29Kb / 1P
Connectors for VTF
VCF4-1002 MACOM-VCF4-1002 Datasheet
29Kb / 1P
Connectors for VTF
More results

Similar Description - VCF4-1003

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ970E ZETTLER-AZ970E Datasheet
85Kb / 2P
40 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
AZ973 ZETTLER-AZ973 Datasheet
88Kb / 4P
40 AMP AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
T9AS1D12-12 ETC-T9AS1D12-12 Datasheet
100Kb / 3P
Low Cost 30 Amp PC Board or Panel Mount Relay
logo
American Zettler, Inc.
AZ970 AZETTLER-AZ970 Datasheet
97Kb / 2P
40 AMP AUTOMOTIVE RELAY
AZ970E AZETTLER-AZ970E Datasheet
97Kb / 2P
40 AMP AUTOMOTIVE RELAY
AZ9721 AZETTLER-AZ9721 Datasheet
139Kb / 4P
40 AMP AUTOMOTIVE RELAY
logo
TE Connectivity Ltd
T9E TEC-T9E Datasheet
655Kb / 3P
PCB and PCB/quick connect terminals
logo
Picker Components
PCT91CL PICKER-PCT91CL_17 Datasheet
817Kb / 3P
30, 40 or 50 Amp Latching Spade/PC Pins Relay
logo
Ningbo Tianbo Ganglian ...
TRV6 TIANBO-TRV6 Datasheet
976Kb / 3P
plug-in or pc board terminals
logo
Tyco Electronics
V23086 MACOM-V23086_V01 Datasheet
66Kb / 3P
20 Amp Micro K (Single & Dual) PC Board Relay for Automotive Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com