Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTP-181FFM Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTP-181FFM
Description  LED Display
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTP-181FFM Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTP-181FFM Datasheet HTML 1Page - Lite-On Technology Corporation LTP-181FFM Datasheet HTML 2Page - Lite-On Technology Corporation LTP-181FFM Datasheet HTML 3Page - Lite-On Technology Corporation LTP-181FFM Datasheet HTML 4Page - Lite-On Technology Corporation LTP-181FFM Datasheet HTML 5Page - Lite-On Technology Corporation LTP-181FFM Datasheet HTML 6Page - Lite-On Technology Corporation LTP-181FFM Datasheet HTML 7Page - Lite-On Technology Corporation LTP-181FFM Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
PART NO.: LTP-181FFM
PAGE:
1 of 7
BNS-OD-C131/A4
FEATURES
* 1.86 inch (47.4 mm) MATRIX HEIGHT.
* LOW POWER REQUIREMENT.
* EXCELLENT CHARACTERS APPEARANCE.
* HIGH BRIGHTNESS & HIGH CONTRAST.
* WIDE VIEWING ANGLE.
* SOLID STATE RELIABILITY.
* STACKABLE VERTICALLY AND HORIZONTALLY.
* CATEGORIZED FOR LUMINOUS INTENSITY.
DESCRIPTION
The LTP-181FFM is a 1.86 inch (47.4 mm) matrix height 16x16 dot matrix
display. This device utilizes Green & AlInGaP Hyper red LED chips.The
green LED chips are made from GaP on GaP substrate.The AlInGaP Hyper
red LED chips are made from AlInGaP on a non-transparent GaAs
substrate ,and it has a black face and a diffusion film is added on it.
DEVICE
PART NO.
DESCRIPTION
Green & AlInGaP Hyper Red
16x16 Dot Matrix Anode
Row Cathode Column
LTP-181FFM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com