Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS031G Datasheet(PDF) 3 Page - International Rectifier

Part # IPS031G
Description  SINGLE/DUAL FULLY PROTECTED POWER MOSFET SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS031G Datasheet(HTML) 3 Page - International Rectifier

  IPS031G Datasheet HTML 1Page - International Rectifier IPS031G Datasheet HTML 2Page - International Rectifier IPS031G Datasheet HTML 3Page - International Rectifier IPS031G Datasheet HTML 4Page - International Rectifier IPS031G Datasheet HTML 5Page - International Rectifier IPS031G Datasheet HTML 6Page - International Rectifier IPS031G Datasheet HTML 7Page - International Rectifier IPS031G Datasheet HTML 8Page - International Rectifier IPS031G Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IPS031G/IPS032G
www.irf.com
3
Recommended Operating Conditions
These values are given for a quick design. For operation outside these conditions, please consult the application notes.
Symbol Parameter
Min.
Max.
Units
Vds (max) Continuous Drain to Source voltage
—
35
VIH
High level input voltage
4
6
VIL
Low level input voltage
0
0.5
Ids
Continuous drain current
Tamb=85
oC
(TAmbient = 85oC, IN = 5V, rth = 100oC/W, Tj = 125oC) IPS031G
—
2.2
A
(TAmbient = 85oC, IN = 5V, rth = 85oC/W, Tj = 125oC) IPS032G
—
1.65
Rin
Recommended resistor in series with IN pin
0.2
5
k
Ω
Tr-in(max) Max recommended rise time for IN signal (see fig. 2)
—
1
µS
Fr-Isc (2)
Max. frequency in short circuit condition (Vcc = 14V)
0
1
kHz
V
Symbol Parameter
Min.
Typ.
Max. Units Test Conditions
Rds(on)
ON state resistance Tj = 25
oC
204560
Rds(on)
ON state resistance Tj = 150
oC—
75
100
Idss
Drain to source leakage current
0
0.5
25
Vcc = 14V, Tj = 25
oC
@Tj=25oC
Idss2
Drain to source leakage current
0
5
50
Vcc = 40V, Tj = 25
oC
@Tj=25oC
V clamp 1 Drain to source clamp voltage 1
47
52
56
Id = 20mA (see Fig.3 & 4)
V clamp 2 Drain to source clamp voltage 2
50
53
60
Vin clamp IN to source clamp voltage
7
8.1
9.5
Iin = 1 mA
Vth
IN threshold voltage
1
1.6
2
Id = 50mA, Vds = 14V
Iin, -on
ON state IN positive current
25
90
200
Vin = 5V
Iin, -off
OFF state IN positive current
50
130
250
Vin = 5V
over-current triggered
Static Electrical Characteristics
(Tj = 25
oC unless otherwise specified.)
m
Ω
Vin = 5V, Ids = 1A
Id=Ishutdown (see Fig.3 & 4)
V
µA
µA
Switching Electrical Characteristics
Vcc = 14V, Resistive Load = 5Ω (IPS031), Resistive Load = 3Ω (IPS031S), Rinput = 50Ω, 100µs pulse,Tj = 25
oC, (unless
otherwise specified).
Symbol Parameter
Min.
Typ.
Max. Units Test Conditions
Ton
Turn-on delay time
0.05
0.3
0.6
Tr
Rise time
0.4
1
2
Trf
Time to 130% final Rds(on)
—
8
—
Toff
Turn-off delay time
0.8
2
3.5
Tf
Fall time
0.5
1.5
2.5
Qin
Total gate charge
—
1.1
—
nC
Vin = 5V
See figure 2
See figure 2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com