Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GWCSSRM2.PM Datasheet(PDF) 12 Page - OSRAM GmbH

Part # GWCSSRM2.PM
Description  Industrial lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWCSSRM2.PM Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button GWCSSRM2.PM Datasheet HTML 8Page - OSRAM GmbH GWCSSRM2.PM Datasheet HTML 9Page - OSRAM GmbH GWCSSRM2.PM Datasheet HTML 10Page - OSRAM GmbH GWCSSRM2.PM Datasheet HTML 11Page - OSRAM GmbH GWCSSRM2.PM Datasheet HTML 12Page - OSRAM GmbH GWCSSRM2.PM Datasheet HTML 13Page - OSRAM GmbH GWCSSRM2.PM Datasheet HTML 14Page - OSRAM GmbH GWCSSRM2.PM Datasheet HTML 15Page - OSRAM GmbH GWCSSRM2.PM Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Version 1.5
GW CSSRM2.PM
ΔVF = VF - VF(85 °C) = f(Tj); IF = 700 mA
ΦVV(85 °C) = f(Tj); IF = 700 mA
Cx, Cy = f(Tj); IF = 700 mA
GW CSSRM2.PM
-40 -20
0
20
40
60
80 100 120
Tj [°C]
-0,05
0,00
0,05
0,10
0,15
0,20
∆V
F [V]
GW CSSRM2.PM
-40 -20
0
20
40
60
80 100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Φv
Φ
v(85°C)
GW CSSRM2.PM
-40 -20
0
20
40
60
80 100 120
Tj [°C]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆Cx
∆Cy
: Cx - white
: Cy - white
2017-10-26
12
Relative Forward Voltage 5) page 24
Relative Vorwärtsspannung 5) Seite 24
Relative Luminous Flux 5) page 24
Relativer Lichtstrom 5) Seite 24
Farbortverschiebung 5) Seite 24
Chromaticity Coordinate Shift 5) page 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com