Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GWJDSTS2.EM Datasheet(PDF) 5 Page - OSRAM GmbH

Part # GWJDSTS2.EM
Description  Indoor General Lighting
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWJDSTS2.EM Datasheet(HTML) 5 Page - OSRAM GmbH

  GWJDSTS2.EM Datasheet HTML 1Page - OSRAM GmbH GWJDSTS2.EM Datasheet HTML 2Page - OSRAM GmbH GWJDSTS2.EM Datasheet HTML 3Page - OSRAM GmbH GWJDSTS2.EM Datasheet HTML 4Page - OSRAM GmbH GWJDSTS2.EM Datasheet HTML 5Page - OSRAM GmbH GWJDSTS2.EM Datasheet HTML 6Page - OSRAM GmbH GWJDSTS2.EM Datasheet HTML 7Page - OSRAM GmbH GWJDSTS2.EM Datasheet HTML 8Page - OSRAM GmbH GWJDSTS2.EM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating temperature range
Betriebstemperatur
T
op
-40 ... 85
°C
Storage temperature range
Lagertemperatur
Tstg
-40 ... 100
°C
Junction temperature
Sperrschichttemperatur
Tj
Forward current
Durchlassstrom
(T
J = 25 °C)
I
F
10 ... 180
mA
Surge current
Stoßstrom
(t ≤ 10 µs; D = 0.005; TJ = 25 °C)
IFM
300
mA
Reverse voltage
Sperrspannung
(T
J = 25 °C)
VR
not designed for reverse
operation
V
ESD withstand voltage
ESD Festigkeit
(acc. to ANSI/ESDA/JEDEC JS-001 - HBM)
V
ESD
up to 5
kV
Characteristics (TJ = 25 °C; IF = 65 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
2ϕ
120
°
Reverse current
Sperrstrom
IR
not designed for
reverse operation
Color rendering index
(2700K - 6500K)
(typ.)
(min.)
Ra
R
a
85
80
-
-
3) page 25
Farbwiedergabe Index 3) Seite 25
120
°C
2017-09-12
5
Version 3.0
GW JDSTS2.EM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com