Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3C0142-48 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C0142-48
Description  N Male to N Male Cable 48 Inch Length Using LMR-SW540 Coax
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0142-48 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C0142-48 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0142-48 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0142-48 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Connector 2
Type
N Male
Configuration
Straight
Inner Conductor Material and Plating
Spring Copper, Gold
Inner Conductor Plating Specification
50µ in. minimum
Coupling Nut Material and Plating
Brass, Tri-Metal
Coupling Nut Plating Specification
80µ in. minimum
Hex Size, in.
13/16
Torque, in-lbs [Nm]
44 [4.97]
Body Material and Plating
Brass, Tri-Metal
Body Plating Specification
80µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
N Male to N Male Cable 48 Inch Length Using LMR-SW540 Coax from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Male Cable 48 Inch Length Using LMR-SW540 Coax PE3C0142-48
URL: http://www.pasternack.com/n-male-n-male-lmrsw540-cable-assembly-pe3c0142-48-p.aspx
PE3C0142-48 REV
PE3C0142-48
N Male to N Male Cable 48 Inch Length Using LMR-SW540 Coax



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com