Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GWP9LR31.PM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GWP9LR31.PM
Description  Outdoor lighting
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWP9LR31.PM Datasheet(HTML) 1 Page - OSRAM GmbH

  GWP9LR31.PM Datasheet HTML 1Page - OSRAM GmbH GWP9LR31.PM Datasheet HTML 2Page - OSRAM GmbH GWP9LR31.PM Datasheet HTML 3Page - OSRAM GmbH GWP9LR31.PM Datasheet HTML 4Page - OSRAM GmbH GWP9LR31.PM Datasheet HTML 5Page - OSRAM GmbH GWP9LR31.PM Datasheet HTML 6Page - OSRAM GmbH GWP9LR31.PM Datasheet HTML 7Page - OSRAM GmbH GWP9LR31.PM Datasheet HTML 8Page - OSRAM GmbH GWP9LR31.PM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2017-11-10
1
2017-11-10
DURIS S 8
Datasheet
Version 1.2
GW P9LR31.PM
Features:
Besondere Merkmale:
•
Package: white SMT package, colored diffused
silicone resin
•
Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Silikon-Verguss
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Color: 3000 K - 6500 K (white)
•
Farbe: 3000 K - 6500 K (weiß)
•
CRI: min. 70
•
CRI: min. 70
•
Lumen Maintenance: Testing according to IESNA
LM-80 in progress
•
Lichtstromerhaltung: Tests nach IESNA LM-80
im Gange
Applications
Anwendungen
•
Outdoor lighting
•
Außenbeleuchtung
•
Industrial lighting
•
Industriebeleuchtung
•
Luminous Flux: typ. 577 lm @ 5000 K
•
Lichtstrom: typ. 577 lm @ 5000 K
•
Luminous efficacy: typ. 153 lm/W @ 5000 K
•
Lichtausbeute: typ. 153 lm/W @ 5000 K


Similar Part No. - GWP9LR31.PM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWP9LR31.EM OSRAM-GWP9LR31.EM Datasheet
2Mb / 24P
Directional retrofits
More results

Similar Description - GWP9LR31.PM

ManufacturerPart #DatasheetDescription
logo
Level One
ANA-3100 LVL1-ANA-3100 Datasheet
199Kb / 2P
3GHz Outdoor Lighting Arrestor Kit
ANA-6101 LVL1-ANA-6101 Datasheet
270Kb / 2P
6GHz Outdoor Lighting Arrestor
logo
List of Unclassifed Man...
701912-C1I75 ETC2-701912-C1I75 Datasheet
772Kb / 2P
LED lighting for Indoor & Outdoor
701912-C1I75 ETC2-701912-C1I75 Datasheet
772Kb / 2P
LED lighting for Indoor & Outdoor
logo
OSRAM GmbH
GWMAEGB1.EM OSRAM-GWMAEGB1.EM Datasheet
744Kb / 19P
Outdoor lighting
LRW5SM OSRAM-LRW5SM Datasheet
611Kb / 21P
Architectural Lighting indoor and outdoor
LTH9GP OSRAM-LTH9GP Datasheet
630Kb / 21P
Architectural Lighting indoor and outdoor
LYH9GP OSRAM-LYH9GP Datasheet
689Kb / 21P
Architectural Lighting indoor and outdoor
GWP9LT31.PM OSRAM-GWP9LT31.PM Datasheet
2Mb / 24P
Outdoor lighting
KRDMLN31.23 OSRAM-KRDMLN31.23 Datasheet
676Kb / 22P
Architectural Lighting indoor and outdoor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com