Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRK.136 Datasheet(PDF) 5 Page - International Rectifier

Part # IRK.136
Description  THYRISTOR/DIODE and THYRISTOR/THYRISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRK.136 Datasheet(HTML) 5 Page - International Rectifier

  IRK.136 Datasheet HTML 1Page - International Rectifier IRK.136 Datasheet HTML 2Page - International Rectifier IRK.136 Datasheet HTML 3Page - International Rectifier IRK.136 Datasheet HTML 4Page - International Rectifier IRK.136 Datasheet HTML 5Page - International Rectifier IRK.136 Datasheet HTML 6Page - International Rectifier IRK.136 Datasheet HTML 7Page - International Rectifier IRK.136 Datasheet HTML 8Page - International Rectifier IRK.136 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
IRK.136, .142, .162 Series
5
Bulletin I27117 rev. C 03/02
www.irf.com
Fig.5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 1 - Current Ratings Characteristics
Fig. 4 - On-State Power Loss Characteristics
Fig. 3 - On-State Power Loss Characteristics
Fig. 2 - Current Ratings Characteristics
70
80
90
10 0
11 0
12 0
13 0
0
5 0
1 0 0
15 0
2 00
25 0
DC
30
60
90
120
180
Averag e O n -state C urren t (A )
Co nd u c tio n P e r iod
IRK .136.. Se ries
R
(D C ) = 0 .1 8 K/W
thJ C
0
50
10 0
15 0
20 0
25 0
30 0
0
3 06 09 0
12 0
15 0
RM S Lim it
Co nd uc tio n A ng le
Averag e O n -state C urrent (A)
180
120
90
60
30
IRK .136.. Se ries
Per Junctio n
T = 125 C
J
0
50
10 0
15 0
20 0
25 0
30 0
35 0
0
50
1 00
1 50
2 00
2 50
RM S Lim it
Cond uc tio n P e riod
A vera g e O n -sta te C urrent (A)
DC
180
120
90
60
30
IRK .136.. Se ries
Per Junctio n
T
= 12 5 C
J
12 0 0
14 0 0
16 0 0
18 0 0
20 0 0
22 0 0
24 0 0
26 0 0
28 0 0
30 0 0
11 0
10 0
N um b er O f Eq ua l A m p litud e H a lf C yc le C urre nt P ulses (N )
At Any R a te d Lo a d C o nd itio n A n d With
R ated V
A p plied Follo w ing Surge .
RRM
In itial T = 125 C
@ 60 Hz 0.00 83 s
@ 50 Hz 0.01 00 s
J
IRK.136.. Se rie s
Per Junc tion
10 0 0
15 0 0
20 0 0
25 0 0
30 0 0
35 0 0
0.0 1
0.1
1
Pulse Tra in D ura tion (s)
Maximum No n Repetitive Surge Current
Of Co nd uctio n May Not Be Mainta ined .
IRK.1 36.. Se ries
Pe r Ju nctio n
In itial T = 125 C
N o V oltag e Re ap plie d
Ra te d V
Re ap plie d
J
RRM
V ers us Pulse Train D ura tio n. C ontrol
70
80
90
10 0
11 0
12 0
13 0
0
2 0
4 0
6 0
8 0
100
12 0
140
30
60
90
120
180
Co nd uctio n A ng le
Averag e Forw ard C urren t (A )
IRK.136.. Series
R
(D C ) = 0.18 K/W
thJ C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com