Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5522JSVDZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD5522JSVDZ
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVDZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5522JSVDZ Datasheet HTML 2Page - Analog Devices AD5522JSVDZ Datasheet HTML 3Page - Analog Devices AD5522JSVDZ Datasheet HTML 4Page - Analog Devices AD5522JSVDZ Datasheet HTML 5Page - Analog Devices AD5522JSVDZ Datasheet HTML 6Page - Analog Devices AD5522JSVDZ Datasheet HTML 7Page - Analog Devices AD5522JSVDZ Datasheet HTML 8Page - Analog Devices AD5522JSVDZ Datasheet HTML 9Page - Analog Devices AD5522JSVDZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
Data Sheet
AD5522
Rev. E | Page 5 of 64
DUTGND
GUARD0
CPOL0/SCLK
CPOH0/SDI
GUARDIN0/
DUTGND0
DUT
SYS_FORCE
SYS_SENSE
CGALM
CPOL2/CPO0
CPOL1/SYNC
CPOH1/SDO
CPOH2/CPO1
TMPALM
CLAMP AND
GUARD
ALARM
TEMP
SENSOR
TO
MEASOUT
MUX
MEASVH3
FOH3
EXTMEASIH3
EXTMEASIL3
CH1
CH0
CH2
CH3
FOH2
EXTFOH2
EXTMEASIH2
EXTMEASIL2
MEASVH2
GUARD2
MEASVH1
EXTMEASIL1
FOH1
EXTFOH1
CFF1
CFF3
CFF2
EXTMEASIH1
GUARD1
GUARDIN1/DUTGND1
MEASOUT1
CCOMP1
CCOMP2
MEASOUT2
AGND
AGND
DUTGND
16
16
16
MEASVH0
CPOL3/
CPO2
CPOH3/
CPO3
SPI/
LVDS
EXTERNAL
RSENSE
(CURRENTS
UP TO ±80mA)
EXTMEASIH0
EXTMEASIL0
FOH0
EXTFOH0
CFF0
FIN
CLH
CLL
AVSS
AVDD
AGND
+
–
MEASOUT0
DGND
CPH
COMPARATOR
CCOMP0
CPL
–
–
–
–
+
+
–
+
–
+
+
+
RSENSE
–
–
+
+
16
16
16
16
16
VREF
DVCC
16
X1 REG
C REG
M REG
16
16
16
16
16
16
16
16-BIT
FIN DAC
×5 OR ×10
×2
×1
AGND
REFGND
16-BIT
CLH DAC
MEASOUT
MUX AND GAIN
×1/×0.2
X1 REG
C REG
M REG
X1 REG
C REG
M REG
×2
16
16
16
16
X1 REG
C REG
M REG
×6
×6
OFFSET DAC
FORCE
AMPLIFIER
16-BIT
CLL DAC
16-BIT
CPH DAC
16-BIT
CPL DAC
SW1
SW2
SW3
SW4
SW6
SW9
SW8
SW5
SW10
SW11
MEASURE
VOLTAGE
IN-AMP
MEASURE
CURRENT
IN-AMP
TEMP
SENSOR
SW12
X1 REG
C REG
M REG
×6
X2 REG
X2 REG
X2 REG
×6
X2 REG
X2 REG
×6
×6
×2
×2
AGND
EN
GUARD AMP
SW13
SW14
AGND
10k
Ω
SW15
SW16
DUTGND
VMID TO
CENTER
I RANGE
AGND
10k
Ω
AGND
10k
Ω
+
–
GUARDIN2/DUTGND2
EXTFOH3
16
16
16
GUARDIN3/
DUTGND3
GUARD3
DUT
EXTERNAL
RSENSE
(CURRENTS
UP TO ±80mA)
FIN
CLH
CLL
AGND
+
–
MEASOUT3
CPH
COMPARATOR
CPL
INTERNAL RANGE
SELECT
(±5µA, ±20µA, ±200µA, ±2mA)
INTERNAL RANGE
SELECT
(±5µA, ±20µA, ±200µA, ±2mA)
–
–
–
–
+
+
–
+
–
+
+
+
RSENSE
–
–
+
+
16
16
16
16
16
CCOMP3
16
X1 REG
C REG
M REG
16
16
16
16
16
16
16
16-BIT
FIN DAC
x5 or x10
×2
x1
AGND
16-BIT
CLH DAC
MEASOUT
MUX AND GAIN
x1/x0.2
X1 REG
C REG
M REG
X1 REG
C REG
M REG
×2
16
16
16
16
X1 REG
C REG
M REG
×6
×6
OFFSET DAC
FORCE
AMPLIFIER
16-BIT
CLL DAC
16-BIT
CPH DAC
16-BIT
CPL DAC
SW1
SW2
SW3
SW4
SW6
SW5
SW9
SW8
SW10
SW11
MEASURE
VOLTAGE
IN-AMP
MEASURE
CURRENT
IN-AMP
TEMP
SENSOR
SW12
C REG
M REG
×6
X2 REG
X2 REG
X2 REG
×6
X2 REG
X2 REG
×6
×6
×2
×2
EN
GUARD AMP
SW13
SW14
SW15
SW15a
SW16
DUTGND
VMID TO
CENTER
I RANGE
+
–
MUX
MUX
SCLK
SYNC
SDI
SDO
SERIAL
INTERFACE
RESET
BUSY
16
POWER-ON
RESET
LOAD
16
16-BIT
OFFSET
DAC
TO ALL DAC
OUTPUT
AMPLIFIERS
X1 REG
AGND
SW7
4kΩ
2kΩ
2kΩ
MEASVH
(Hi-Z)
AGND
MEASVH
(Hi-Z)
4kΩ
SW7
4kΩ
4kΩ
Figure 2. Detailed Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com