Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5560JSVUZ Datasheet(PDF) 42 Page - Analog Devices

Part # AD5560JSVUZ
Description  1.2 A Programmable Device Power Supply
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JSVUZ Datasheet(HTML) 42 Page - Analog Devices

Back Button AD5560JSVUZ Datasheet HTML 38Page - Analog Devices AD5560JSVUZ Datasheet HTML 39Page - Analog Devices AD5560JSVUZ Datasheet HTML 40Page - Analog Devices AD5560JSVUZ Datasheet HTML 41Page - Analog Devices AD5560JSVUZ Datasheet HTML 42Page - Analog Devices AD5560JSVUZ Datasheet HTML 43Page - Analog Devices AD5560JSVUZ Datasheet HTML 44Page - Analog Devices AD5560JSVUZ Datasheet HTML 45Page - Analog Devices AD5560JSVUZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 67 page
background image
Data Sheet
AD5560
Rev. E | Page 41 of 66
REFERENCE SELECTION
The voltage applied to the VREF pin determines the output
voltage range and span applied to the force amplifier, clamp,
and comparator inputs and the current ranges.
This device can be used with a reference input ranging from
2 V to 5 V. However, for most applications, a reference input
of 5 V is able to meet all voltage range requirements. The DAC
amplifier gain is 5.125, which gives a DAC output span of
25.625 V. The DACs have gain and offset registers that can
be used to calibrate out system errors. In addition, the gain
register can be used to reduce the DAC output range to the
desired force voltage range.
Using a 5 V reference and setting the m (gain) register to one-
fourth scale or 0x4000 gives an output voltage span of 6.25 V.
Because the force DAC has 18 bits of resolution even with only
one-fourth of the output voltage span, it is still possible to
achieve 16-bit resolution in this 6.25 V range.
The measure current amplifier has two gain settings, 10 and 20.
The two gain settings allow users to achieve the quoted/speci-
fied current ranges with large or small voltage swings. The 20
gain setting is intended for use with a 5 V reference, and the 10
gain setting is for use with a 2.5 V reference. Both combinations
ensure the specified current ranges. Other VREF/gain setting
combinations should be used only to achieve smaller current
ranges. See Table 27 for suggested references for use with the
AD5560.
CALIBRATION
Calibration involves determining the gain and offset of each
channel in each mode and overwriting the default values in the
m and c registers of the individual DACs.
Reducing Zero-Scale Error
Zero-scale error can be reduced as follows:
1. Set the output to the lowest possible value.
2. Measure the actual output voltage and compare it to the
required value. This is the zero-scale error.
3. Calculate the number of LSBs equivalent to the zero-scale
error, and add or subtract this number to the default value
of the c register.
Reducing Gain Error
Gain error can be reduced as follows:
1. Measure the zero-scale error.
2. Set the output to the highest possible value.
3. Measure the actual output voltage and compare it to the
required value. This is the gain error.
4. Calculate the number of LSBs equivalent to the gain error
and subtract this number from the default value of the m
register. Note that only positive gain error can be reduced.
Calibration Example
Nominal offset coefficient = 32,768 (0x8000)
Nominal gain coefficient = 65,535 (0xFFFF)
For example, the gain error = 0.5%, and the offset error = 100 mV.
Gain error (0.5%) calibration is as follows:
65,535 × 0.995 = 65,207
Therefore, load Code 1111 1110 1011 0111 (0xFEB7) to the
m register.
Offset error (100 mV) calibration is as follows:
LSB size = 10.25/65,535 = 156 µV
Offset coefficient for 100 mV offset = 100/0.156 = 641 LSBs
Therefore, load Code 0111 1101 0111 1111 (0x7D7F) to the
c register.
ADDITIONAL CALIBRATION
The techniques described in the Calibration section are usually
sufficient to reduce the zero-scale and gain errors. However,
there are limitations whereby the errors may not be sufficiently
reduced. For example, the offset (c) register can only be used to
reduce the offset caused by negative zero-scale error. A positive
offset cannot be reduced. Likewise, if the maximum voltage is
below the ideal value, that is, a negative gain error, the gain (m)
register cannot be used to increase the gain to compensate for
the error. These limitations can be overcome by increasing the
reference value.
SYSTEM LEVEL CALIBRATION
There are many ways to calibrate the device on power-on.
Following is an example of how to calibrate the FIN DAC
registers (Register 0x8 to Register 0xA) of the device without a
DUT or DUT board connected. The calibration procedure for
the force and measure circuitry is as follows:
1. Calibrate the force voltage (two-point calibration).
a. Write zero scale to the FIN DAC registers
(Register 0x8 to Register 0xA).
b. Connect SYS_FORCE to FORCE (via SW8) and
SYS_SENSE to SENSE (via SW9), and close the internal
force/sense switch (SW11).
c. Using the system PMU, measure the error between the
voltage at FORCE/SENSE and the desired value.
d. Similarly, load full scale to the FIN DAC registers
(Register 0x8 to Register 0xA) and measure the error
between the voltage at FORCE/SENSE and the desired
value.
e. Calculate the m and c values.
f.
Load these values to the appropriate FIN DAC m and
FIN DAC c registers (Register 0x9 and Register 0xA).
2. Calibrate the measure voltage (two-point calibration).
a. Connect SYS_FORCE to FORCE (via SW8) and
SYS_SENSE to SENSE (via SW9), and close the
internal force/sense switch (via SW11).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com