Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8284 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8284
Description  Radar Receive Path AFE: 4-Channel Mux
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8284 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8284 Datasheet HTML 12Page - Analog Devices AD8284 Datasheet HTML 13Page - Analog Devices AD8284 Datasheet HTML 14Page - Analog Devices AD8284 Datasheet HTML 15Page - Analog Devices AD8284 Datasheet HTML 16Page - Analog Devices AD8284 Datasheet HTML 17Page - Analog Devices AD8284 Datasheet HTML 18Page - Analog Devices AD8284 Datasheet HTML 19Page - Analog Devices AD8284 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Data Sheet
AD8284
Rev. D | Page 15 of 28
ADC
The AD8284 uses a pipelined ADC architecture. The quantized
output from each stage is combined into a 12-bit result in the
digital correction logic. The pipelined architecture permits the
first stage to operate on a new input sample while the remaining
stages operate on preceding samples. Sampling occurs on the
rising edge of the clock. The output staging block aligns the
data and passes the data to the output buffers.
AUX CHANNEL
The AD8284 allows direct access to the ADC when the mux
settings are used to select the AUX channel. When this channel
is selected, the inputs of the ADC can be accessed using the
INADC+ and INADC− pins. To ensure enough headroom for
full-scale, differential, 2.0 V p-p input signals, bias the INADC±
pins with a 0.9 V common-mode voltage.
CLOCK INPUT CONSIDERATIONS
For optimum performance, clock the AD8284 sample clock
inputs (CLK+ and CLK−) with a differential signal. This signal
is typically ac-coupled into the CLK+ and CLK− pins via a trans-
former or by using capacitors; these pins are biased internally
and require no additional bias.
Figure 17 shows the preferred method for clocking the AD8284.
A low jitter clock source, such as the Valpey Fisher oscillator,
VFAC3-BHL (50 MHz), is converted from single-ended to differ-
ential using an RF transformer. The back-to-back Schottky
diodes across the secondary transformer limit clock excursions
into the AD8284 to approximately 0.8 V p-p differential. This
helps prevent the large voltage swings of the clock from feeding
through to other portions of the AD8284 and preserves the fast
rise and fall times of the signal, which are critical to low jitter
performance.
Figure 17. Transformer-Coupled Differential Clock
If a low jitter clock is available, another option is to ac-couple a
differential PECL or LVDS signal to the sample clock input pins
as shown in Figure 18 and Figure 19. The AD9515/AD9520-0
family of clock drivers offers excellent jitter performance.
Figure 18. Differential PECL Sample Clock
Figure 19. Differential LVDS Sample Clock
In some applications, it is acceptable to drive the sample clock
inputs with a single-ended CMOS signal. In such applications,
drive CLK+ directly from a CMOS gate, and bypass the CLK−
pin to ground with a 0.1 μF capacitor in parallel with a 39 kΩ
resistor (see Figure 20). Although the CLK+ input circuit supply
is via Pin 46, DVDD18CLK, this input is designed to withstand
input voltages of up to 3.3 V, making the selection of the logic
voltage of the driver very flexible. The AD9515/AD9520-0
family of parts can be used to provide 3.3 V inputs (see Figure 21).
In this case, the 39 kΩ resistor is not needed.
Figure 20. Single-Ended 1.8 V CMOS Sample Clock
Figure 21. Single-Ended 3.3 V CMOS Sample Clock
0.1µF
0.1µF
0.1µF
0.1µF
SCHOTTKY
DIODES:
HSM2812
3.3V
50Ω 100Ω
CLK–
CLK+
ADC
AD8284
MINI-CIRCUITS®
ADT1-1WT, 1:1Z
XFMR
VFAC3
OUT
10
0Ω
0.1µF
0.1µF
0.1µF
0.1µF
240Ω
240Ω
50Ω*
CLK
CLK
*
50Ω RESISTOR IS OPTIONAL.
CLK–
CLK+
ADC
AD8284
PECL DRIVER
3.3V
OUT
VFAC3
AD9515/AD9520-0
10
0Ω
0.1µF
0.1µF
0.1µF
0.1µF
AD9515/AD9520-0
50Ω*
CLK
CLK
*
50Ω RESISTOR IS OPTIONAL.
CLK–
CLK+
ADC
AD8284
LVDS DRIVER
3.3V
OUT
VFAC3
0.1µF
0.1µF
0.1µF
39kΩ
1.8V
CMOS DRIVER
50Ω*
OPTIONAL
100Ω
0.1µF
CLK
CLK
*
50Ω RESISTOR IS OPTIONAL.
CLK–
CLK+
ADC
AD8284
3.3V
OUT
VFAC3
AD9515/AD9520-0
0.1µF
0.1µF
CMOS DRIVER
3.3V
50Ω*
OPTIONAL
100Ω
0.1µF
CLK
CLK
*
50Ω RESISTOR IS OPTIONAL.
CLK–
CLK+
ADC
AD8284
3.3V
OUT
VFAC3
0.1µF
AD9515/AD9520-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com