Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADATE209 Datasheet(PDF) 4 Page - Analog Devices

Part # ADATE209
Description  4.0 Gbps Dual Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE209 Datasheet(HTML) 4 Page - Analog Devices

  ADATE209 Datasheet HTML 1Page - Analog Devices ADATE209 Datasheet HTML 2Page - Analog Devices ADATE209 Datasheet HTML 3Page - Analog Devices ADATE209 Datasheet HTML 4Page - Analog Devices ADATE209 Datasheet HTML 5Page - Analog Devices ADATE209 Datasheet HTML 6Page - Analog Devices ADATE209 Datasheet HTML 7Page - Analog Devices ADATE209 Datasheet HTML 8Page - Analog Devices ADATE209 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ADATE209
Rev. A | Page 3 of 16
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VCC = 7.0 V, VEE = −4.5 V, GND = 0.0 V; all test conditions are as defined in Table 8, unless otherwise specified. All specified values are at
TJ = 70°C, where TJ corresponds to the internal temperature sensor, unless otherwise noted. Temperature coefficients are measured at
TJ = 70°C ± 20°C, unless otherwise noted. Typical values are based on design, simulation analyses, and/or limited bench evaluations.
Typical values are not tested or guaranteed.
Table 1.
Parameter
Min
Typ
Max
Unit
Test
Level1
Test Conditions/Comments
TOTAL FUNCTION
DROUTx Pin Range
−1.0
+3.5
V
I
POWER SUPPLIES
Positive Supply, VCC
6.65
7.0
7.35
V
I
Defines PSRR conditions
Negative Supply, VEE
−4.73
−4.5
−4.28
V
I
Defines PSRR conditions
Data and Termination, VDAx, VDBx, VTERMx
−1
+1.3
+3.3
V
I
Data and Termination, IDAx, IDBx, ITERMx
40
mA
I
Exceeding 40 mA through any input
termination resistor may cause damage to the
device or cause long-term reliability concerns
Positive Supply Current, ICC
50
76
100
mA
II
Negative Supply Current, IEE
60
80
110
mA
II
Total Power Dissipation
0.5
0.87
1.3
W
II
Quiescent; excludes current draw through data
input termination resistors
0.97
W
III
VLx = 0.0 V, VHx = 2.0 V; driver toggling into
open circuit; excludes current draw through
data input termination resistors
TEMPERATURE MONITORS
Temperature Sensor Gain
−4.7
mV/°C
III
Temperature Sensor Offset
3.1
V
III
Voltage reading at 30°C
DRIVER DC SPECIFICATIONS
High Speed Differential Logic Input
Characteristics (DAx, DBx, TERMx)
Input Termination Resistance
45
48
55
Ω
II
9 mA pushed into DAxB/DBxB/TERMxB signal,
0.6 V forced on DAx/DBx/TERMx signal; DAxT,
DBxT, TERMxT open; measure voltage from
DAx/DBx/ TERMx signal to DAxB/DBxB/TERMxB
signal, calculate resistance (ΔV/ΔI)
Input Voltage Differential
0.25
0.8
V
IV
Common-Mode Voltage
−1.0
+3.3
V
IV
Input Bias Current
−10
+1.2
+10
μA
II
Each pin tested at −1.0 V and +3.3 V, while other
high speed pins (DAxB, DBx, DBxB, TERMx,
TERMxB) are left open, termination pins (DAxT,
DBxT, TERMxT) open
Pin Output Characteristics
Output High Range, VHx
−0.9
+3.5
V
I
Output Low Range, VLx
−1.0
+3.4
V
I
Output Termination Range, VTx
−1.0
+3.5
V
I
Output High Range, VHx
−0.9
+4.0
V
I
VCC = 7.5 V, this range is not production tested
Output Low Range, VLx
−1.0
+3.9
V
I
VCC = 7.5 V, this range is not production tested
Output Termination Range, VTx
−1.0
+4.0
V
I
VCC = 7.5 V, this range is not production tested
Functional Amplitude (VHx − VLx)
0.2
4.5
V
I
Amplitude can be programmed to VHx = VLx,
accuracy specifications apply when VHx − VLx ≥
200 mV
DC Output Current-Limit Source
50
60
70
mA
II
Driver high, VHx = 3.5 V, short DROUTx pin to
−1.0 V, then measure current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com