Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADATE304 Datasheet(PDF) 20 Page - Analog Devices

Part # ADATE304
Description  200 MHz Dual Integrated DCL
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADATE304 Datasheet HTML 16Page - Analog Devices ADATE304 Datasheet HTML 17Page - Analog Devices ADATE304 Datasheet HTML 18Page - Analog Devices ADATE304 Datasheet HTML 19Page - Analog Devices ADATE304 Datasheet HTML 20Page - Analog Devices ADATE304 Datasheet HTML 21Page - Analog Devices ADATE304 Datasheet HTML 22Page - Analog Devices ADATE304 Datasheet HTML 23Page - Analog Devices ADATE304 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
ADATE304
Data Sheet
Rev. C | Page 20 of 51
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
A
B
C
10
9
8
7
6
5
4
3
2
1
D
E
F
G
H
J
K
HVOUT
PMUS_CH0
VSSO_0
(DRIVE)
DUT0
VDDO_0
(DRIVE)
VDDO_1
(DRIVE)
DUT1
VSSO_1
(DRIVE)
PMUS_CH1
TEMPSENSE
VPLUS
SCAP0
VSS
AGND
VDD
VDD
AGND
VSS
SCAP1
VDD/VDD_
TMPSNS
FFCAP_0B
AGND
DATA0N
VSS
VDD
VDD
VSS
DATA1N
AGND
FFCAP_1B
OVD_CH0
VDD
DATA0P
DATA1P
VDD
OVD_CH1
FFCAP_0A
VSS
RCV0N
RCV1N
VSS
FFCAP_1A
AGND
AGND
RCV0P
RCV1P
AGND
AGND
COMP_QL0P COMP_QL0N
COMP_VTT0
COMP_VTT1
COMP_QL1N COMP_QL1P
COMP_QH0P COMP_QH0N
AGND
VSS
VDD
VDD
VSS
AGND
COMP_QH1N COMP_QH1P
AGND
AGND
AGND
RST
SDIN
DGND
DAC16_MON
AGND
AGND
AGND
VREF_GND
VREF
AGND
VCC
SCLK
SDOUT
CS
AGND
DUTGND
MEASOUT01/
TEMPSENSE
Figure 2. Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com