Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM240011 Datasheet(PDF) 1 Page - Microchip Technology

Part # DM240011
Description  Capacitive mTouch??Sensing Solutions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM240011 Datasheet(HTML) 1 Page - Microchip Technology

  DM240011 Datasheet HTML 1Page - Microchip Technology DM240011 Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Being a microcontroller based solution, capacitive touch can
also be used to drive an LED, a buzzer or to communicate
with the main processor or the rest of the system. The
necessary schematic software is provided in AN1202:
Capacitive Sensing with PIC10F.
How to Use the Board
• Connect the USB cable to power the board
• The LED will light up to show a touch or finger detection
• The Jumper J2 enables two Sensitivity levels:
– On the left: Higher sensitivity as a proximity sensor
– On the right: Lower sensitivity as a key
The scanning rate does not change, therefore the power
consumption remains the same in both modes.
• The current can easily be measured using the jumper
J4 connections
• If a user leaves his finger on the sensor for a couple of
seconds, the MCU will re-calibrate the sensitivity of the
key. That auto-calibration feature takes care of temperature
or humidity changes as well as a “stuck” button.
Flexibility of the Solution
The MCU can be reprogrammed using the PICkit™ 2/MPLAB®
ICD 2 connector. By having access to the source code, it is
very easy to change some values or parameters to meet your
applications’ specific needs.
• The sensitivity can easily be adjusted to the sense pad
size and cover material
• The power consumption can be lowered by reducing the
scan rate, leaving the MCU in Sleep mode as much as
possible
• The autocalibration feature can be disabled, or the
software can make it faster or slower depending on the
application needs
Microc hip T e c hnology Incor porated
Capacitive mTouch™ Sensing Solutions
Overview
Touch sensing is fast becoming an alternative to traditional
push button switch user interfaces, because it requires no
mechanical movement, and it enables a completely sealed
and modern-looking design. Expanding beyond the consumer
market, touch sensing is beginning to take hold in medical,
industrial and automotive applications for reasons such as
improved aesthetics, reduced maintenance and lower cost.
Microchip’s Capacitive mTouch™ Solution is a free and easy
method to optimize your touch sensing application using a
wide variety of hardware and software resource options.
How it Works
A capacitive touch sensor is a copper pad area created on
the surface of a printed circuit board. It creates a parasitic
capacitance to ground. When a person touches the sensor,
or its covering (plastic, glass, etc.), the person’s finger
introduces an additional glass-finger-ground capacitance. That
capacitance is in parallel to the parasitic one. As capacitors in
parallel are added, a finger approaching the pad will increase
the total capacitance. This change is the criteria needed to
detect a touch.
Microcontrollers provide the ability to perform capacitive
sensing, decision making, responsive actions and other duties
pertinent to the system as well.
Capacitive Touch Implementation
The illustration below shows a simple implementation of a
single capacitive touch key. One key capacitive touch can:
• Be used as a on/off, open/close button or other single
action user interface
• Act as a proximity sensor – detecting a hand coming close
to the sensor
– Enable lower standby power consumption
– Trigger an action, like lighting up a display, without a
touch
The schematic is very simple and uses a PIC10F204/6 MCU,
a diode, a capacitor and a resistor (see the white sensing
square on the PCB).
USB Power
Connector
Jumper
J4
Jumper
J2
PICkit™ 2 or
MPLAB® ICD 2
Connector
Sense
Pad


Similar Part No. - DM240011

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DM240011 MICROCHIP-DM240011 Datasheet
8Mb / 20P
16-bit Embedded Control Solutions
11/27/12
More results

Similar Description - DM240011

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B6TS-04LT OMRON-B6TS-04LT Datasheet
210Kb / 6P
Capacitive Touch Sensing ICs
logo
Texas Instruments
FDC2112-Q1 TI1-FDC2112-Q1 Datasheet
1Mb / 58P
Capacitance-to-Digital Converter (FDC) for Capacitive Sensing
logo
STMicroelectronics
ST25R3914 STMICROELECTRONICS-ST25R3914 Datasheet
64Kb / 3P
Capacitive sensing - Wake-up
October 2016 Rev 1
logo
Texas Instruments
MSP430FR2633 TI1-MSP430FR2633_17 Datasheet
2Mb / 107P
Capacitive Touch Sensing Mixed-Signal Microcontrollers
MSP430FR2522 TI1-MSP430FR2522 Datasheet
2Mb / 95P
Capacitive Touch Sensing Mixed-Signal Microcontrollers
logo
NXP Semiconductors
CRTOUCHDS NXP-CRTOUCHDS Datasheet
1Mb / 68P
Capacitive and Resistive Touch Sensing Application Specific IC.
Rev. 3, 04/2013
logo
Texas Instruments
MSP430FR2676 TI1-MSP430FR2676 Datasheet
1Mb / 105P
capacitive touch sensing mixed-signal microcontrollers
MSP430FR2676 TI1-MSP430FR2676_V01 Datasheet
2Mb / 112P
MSP430FR267x Capacitive Touch Sensing Mixed-Signal Microcontrollers
logo
Shenzhen Huazhimei Semi...
HM224 HMSEMI-HM224 Datasheet
602Kb / 10P
touch IC designed using capacitive sensing principle
logo
Sciosense B.V.
PCAP02 SCIOSENSE-PCAP02 Datasheet
316Kb / 3P
ICs for Capacitive Sensing Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com