Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE6202 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6202
Description  0.25 Watt RF Load Up to 3 GHz With 75 Ohm F Male Input Nickel Plated Zinc
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6202 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6202 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6202 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6202 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Weight
0.02 lbs [9.07 g]
.
Configuration
Connector
F Male
Hex Size
7/16 inch
Material Specifications
Description
Material
Plating
Insulation
PE
Body
Zinc
Nickel
Coupling Nut
Zinc
Nickel
Housing
Zinc
Nickel
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
0.25 Watt RF Load Up to 3 GHz With 75 Ohm F Male Input Nickel Plated Zinc from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0.25 Watt RF Load Up to 3 GHz With 75 Ohm F Male Input Nickel Plated Zinc PE6202
URL: http://www.pasternack.com/0.25-watts-f-male-rf-load-up-to-3-ghz-precision-pe6202-p.aspx
PE6202
PE6202 REV 1.1
RF Terminations Technical Data Sheet
0.25 Watt RF Load Up to 3 GHz With 75 Ohm
F Male Input Nickel Plated Zinc



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com