Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3C0441 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C0441
Description  1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable Using RG316 Coax
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0441 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C0441 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0441 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0441 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable Using RG316 Coax
Configuration
Connector 1
1.0/2.3 Jack Bulkhead
Connector 2
1.0/2.3 Jack Bulkhead
Cable Type
RG316
Impedance, Ohms
50
Maximum VSWR
1.3:1
Mechanical Specifications
Cable Assembly
Cable Type
RG316
Diameter, in [mm]
0.098 [2.49]
.
Weight, lbs [g]
0.023 [10.43]
Cable Color
Tan
Cable
No of Shields
1
Dielectric Type
PTFE
Jacket Material
FEP
Jacket Diameter, in [mm]
0.098 [2.49]
Connector 1
Type
1.0/2.3 Jack Bulkhead
Configuration
Straight
Mount Method
Bulkhead
Inner Conductor Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Connector 2
Type
1.0/2.3 Jack Bulkhead
Configuration
Straight
Mount Method
Bulkhead
Inner Conductor Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: 1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable Using RG316 Coax PE3C0441
PE3C0441 REV 1.0
PE3C0441
1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack
Bulkhead Cable Using RG316 Coax


Similar Part No. - PE3C0441

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0441-12 PASTERNACK-PE3C0441-12 Datasheet
453Kb / 3P
1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable 12 Inch Length Using RG316 Coax, RoHS
PE3C0441-24 PASTERNACK-PE3C0441-24 Datasheet
453Kb / 3P
1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable 24 Inch Length Using RG316 Coax, RoHS
PE3C0441-36 PASTERNACK-PE3C0441-36 Datasheet
454Kb / 3P
1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable 36 Inch Length Using RG316 Coax, RoHS
PE3C0441-48 PASTERNACK-PE3C0441-48 Datasheet
454Kb / 3P
1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable 48 Inch Length Using RG316 Coax, RoHS
PE3C0441-60 PASTERNACK-PE3C0441-60 Datasheet
454Kb / 3P
1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable 60 Inch Length Using RG316 Coax, RoHS
More results

Similar Description - PE3C0441

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
282100-75 AMPHENOL-282100-75 Datasheet
380Kb / 1P
1.0/2.3 R/A BULKHEAD PCB RECEPT. JACK
282139-75 AMPHENOL-282139-75 Datasheet
70Kb / 1P
1.0/2.3 R/A BULKHEAD PCB RECEPT, JACK (75 OHM)
logo
Pasternack Enterprises,...
PE3C0441-12 PASTERNACK-PE3C0441-12 Datasheet
453Kb / 3P
1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable 12 Inch Length Using RG316 Coax, RoHS
PE3C0441-24 PASTERNACK-PE3C0441-24 Datasheet
453Kb / 3P
1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable 24 Inch Length Using RG316 Coax, RoHS
PE3C0441-36 PASTERNACK-PE3C0441-36 Datasheet
454Kb / 3P
1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable 36 Inch Length Using RG316 Coax, RoHS
PE3C0441-48 PASTERNACK-PE3C0441-48 Datasheet
454Kb / 3P
1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable 48 Inch Length Using RG316 Coax, RoHS
PE3C0441-60 PASTERNACK-PE3C0441-60 Datasheet
454Kb / 3P
1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable 60 Inch Length Using RG316 Coax, RoHS
PE3C0441-72 PASTERNACK-PE3C0441-72 Datasheet
454Kb / 3P
1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable 72 Inch Length Using RG316 Coax, RoHS
PE3C2019 PASTERNACK-PE3C2019 Datasheet
369Kb / 4P
1.0/2.3 Plug to BNC Male Cable Using RG316 Coax
logo
Molex Electronics Ltd.
0731740920 MOLEX-0731740920_V01 Datasheet
50Kb / 1P
75 Ohms, DIN 1.0/2.3 Straight Jack, Edge Mount, Bulkhead
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com