Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3C0666-72 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C0666-72
Description  2.92mm Male to 2.92mm Male Cable 72 Inch Length Using PE-P086 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0666-72 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C0666-72 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0666-72 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0666-72 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C0666-72 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
2
Shield Layer 1
Silver Plated Copper Tape
Shield Layer 2
Silver Plated Copper Braid
Jacket Material
FEP, Blue
Jacket Diameter
0.104 in [2.64 mm]
.
One Time Minimum Bend Radius
0.4 in [10.16 mm]
Repeated Minimum Bend Radius
1.57 in [39.88 mm]
Connectors
Description
Connector 1
Connector 2
Type
2.92mm Male
2.92mm Male
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Dielectric Type
Noryl
Noryl
Coupling Nut Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
Hex Size
5/16 Inch
5/16 Inch
Torque
8 in-lbs [0.9 Nm]
8 in-lbs [0.9 Nm]
Body Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
.
Environmental Specifications
Temperature
Operating Range
-55 to +200 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
For RoHS Compliant version, use PE3c0666LF-72. Contact Pasternack if product cannot be found.
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE3C0666-72 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.92mm Male to 2.92mm Male Cable 72 Inch Length Using PE-P086 Coax PE3C0666-72
RF Cable Assemblies Technical Data Sheet
PE3C0666-72
2.92mm Male to 2.92mm Male Cable 72 Inch
Length Using PE-P086 Coax



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com