Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9115 Datasheet(PDF) 1 Page - SMSC Corporation

Part # LAN9115
Description  HIGHLY EFFICIENT SINGLE - CHIP 10/100 NON PCI ETHERNET CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9115 Datasheet(HTML) 1 Page - SMSC Corporation

  LAN9115 Datasheet HTML 1Page - SMSC Corporation LAN9115 Datasheet HTML 2Page - SMSC Corporation LAN9115 Datasheet HTML 3Page - SMSC Corporation LAN9115 Datasheet HTML 4Page - SMSC Corporation LAN9115 Datasheet HTML 5Page - SMSC Corporation LAN9115 Datasheet HTML 6Page - SMSC Corporation LAN9115 Datasheet HTML 7Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SMSC LAN9115
PRODUCT PREVIEW
Revision 0.1 (12-20-04)
Data Brief
PRODUCT FEATURES
LAN9115
Highly Efficient
Single-Chip 10/100
Non-PCI Ethernet
Controller
Highlights
■ Member of LAN9118 Family; optimized for medium-
performance applications
■ Easily interfaces to most 16-bit embedded CPU’s
■ Efficient architecture with low CPU overhead
■ Integrated PHY; supports external PHY via MII
interface
■ Supports audio & video streaming over Ethernet:
multiple standard-definition (SD) MPEG2 streams
■ Medium-speed member of LAN9118 Family
(all members are pin-compatible)
Target Applications
■ Printers, kiosks, security systems
■ General embedded applications
■ Audio distribution systems
■ Basic Cable, satellite, and IP set-top boxes
■ Video-over IP Solutions, IP PBX & Video Phones
■ Wireless routers & access points
■ Digital video recorders
Key Benefits
■ Non-PCI Ethernet controller for medium-performance
applications
— 16-bit interface
— Burst-mode read support
■ Eliminates dropped packets
— Internal SRAM can store over 200 packets
— Supports automatic or host-triggered PAUSE and back-
pressure flow control
■ Minimizes CPU overhead
— Supports Slave-DMA
— Interrupt Pin with Programmable Hold-off timer
■ Reduces system cost and increases design flexibility
— SRAM-like interface easily interfaces to most
Embedded CPU’s or SoC’s
— Low-cost, low-pin count non-PCI interface for
embedded designs
■ Reduced-Power Modes
— Numerous power management modes
— Wake on LAN
— Magic packet wakeup
— Wakeup indicator event signal
— Link Status Change
■ Single chip Ethernet controller
— Fully compliant with IEEE 802.3/802.3u standards
— Integrated Ethernet MAC and PHY
— 10BASE-T and 100BASE-TX support
— Full- and Half-duplex support
— Full-duplex flow control
— Backpressure for half-duplex flow control
— Preamble generation and removal
— Automatic 32-bit CRC generation and checking
— Automatic payload padding and pad removal
— Loop-back modes
■ Flexible address filtering modes
— One 48-bit perfect address
— 64 hash-filtered multicast addresses
— Pass all multicast
— Promiscuous mode
— Inverse filtering
— Pass all incoming with status report
— Disable reception of broadcast packets
■ Integrated Ethernet PHY
— Auto-negotiation
— Automatic polarity detection and correction
■ Efficient host bus interface
— Simple, SRAM-like interface
— 16-bit data bus
— Large, 16Kbyte FIFO memory that can be allocated to
RX or TX functions
— One configurable Host interrupt
■ Miscellaneous features
— Low profile 100-pin TQFP package; green, lead-free
package also available
— Integral 1.8V regulator
— General Purpose Timer
— Support for optional EEPROM
— Support for 3 status LEDs multiplexed with
Programmable GPIO signals
■ 3.3V Power Supply with 5V tolerant I/O
■ 0 to 70°C


Similar Part No. - LAN9115

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9115 SMSC-LAN9115 Datasheet
1Mb / 131P
Highly Efficient Single- Chip 10/100 Non-PCI Ethernet Controller
logo
Microchip Technology
LAN9115 MICROCHIP-LAN9115 Datasheet
1Mb / 114P
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9115 SMSC-LAN9115 Datasheet
1Mb / 136P
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9115-MD SMSC-LAN9115-MD Datasheet
1Mb / 131P
Highly Efficient Single- Chip 10/100 Non-PCI Ethernet Controller
LAN9115-MT SMSC-LAN9115-MT Datasheet
1Mb / 131P
Highly Efficient Single- Chip 10/100 Non-PCI Ethernet Controller
More results

Similar Description - LAN9115

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9118 SMSC-LAN9118_05 Datasheet
1Mb / 126P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9115 SMSC-LAN9115_05 Datasheet
1Mb / 131P
Highly Efficient Single- Chip 10/100 Non-PCI Ethernet Controller
LAN9116 SMSC-LAN9116 Datasheet
1Mb / 126P
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9118 SMSC-LAN9118_07 Datasheet
1Mb / 129P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
logo
Microchip Technology
LAN9118 MICROCHIP-LAN9118 Datasheet
1,015Kb / 109P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
LAN9116 MICROCHIP-LAN9116 Datasheet
1,016Kb / 109P
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
LAN9115 MICROCHIP-LAN9115 Datasheet
1Mb / 114P
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9117 SMSC-LAN9117_08 Datasheet
1Mb / 136P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9116 SMSC-LAN9116_08 Datasheet
1Mb / 132P
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9115 SMSC-LAN9115_08 Datasheet
1Mb / 136P
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com