Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD505 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LD505
Description  High Gain Class A Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LD505 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LD505 Datasheet HTML 1Page - List of Unclassifed Manufacturers LD505 Datasheet HTML 2Page - List of Unclassifed Manufacturers LD505 Datasheet HTML 3Page - List of Unclassifed Manufacturers LD505 Datasheet HTML 4Page - List of Unclassifed Manufacturers LD505 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
500 - 15 - 09
V
B
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
68
72
76
dB
V
CC
= 1.3 V
66
71
76
dB
Temperature Coefficient of Gain
η
A
-
0.07
-
dB/
o
C
-
0.21
0.28
mA
V
cc
= 1.3 V
-
0.16
0.23
mA
Temperature Coefficient of Current
ηΙ
-
-0.002
-
mA/
o
C
1.3
1.5
1.9
mA
V
cc
= 1.3 V
1.0
1.3
1.7
mA
-2
5
%
V
cc
= 1.3 V
-
-
6
%
Input Referred Noise
Bandwidth at 12 dB/OCT - 0.2 to 10 kHz
-
1.2
2.0
µVRMS
Battery Resistance Stability
R
VC
= 100k (S1-open)
22
-
-
Ω
LC505
-
8
-
k
Ω
LD505
-
27
-
k
Ω
Low
-
100
-
Hz
High
-
5000
-
Hz
R
VC
= 0 to 100k
Ω
36
43
-
dB
(S1 - closed/open)
Volume Control Range
R
VC
= 0 to 100k
Ω
34
42
-
dB
(S1 - closed/open) V
cc
= 1.3 V
LC505
-
-0.4
-
dB/
Ω
LD505
-
+0.16
-
dB/
Ω
Amplifier Current
I
A
All switches remain as shown in test circuit unless stated in condition column
Conditions: Temperature 25 oC, V
cc
= 1.55 V
ELECTRICAL CHARACTERISTICS
Gain Dependance of RB
Frequency Response (-3 dB)
Input Impedance
Total Harmonic Distortion
Transducer Current
I
L
Gain
A
V
LD505
OUT
1
3
4
6
1
4
5
8
R
E
IN
VC
GND
V
B
OUT
R
E
LIMITER
LC505
VC
IN
GND
MIC
BIAS
PIN CONNECTION
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE & UNITS
Supply Voltage
3 V
Operating Temperature
-10 to +40
°C
Power dissipation
25 mW
CAUTION
CLASS 1 ESD SENSITIVITY



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com