Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2525 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2525
Description  PLLatinum Dual Frequency Synthesizer System with Integrated VCOs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2525 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMX2525 Datasheet HTML 1Page - National Semiconductor (TI) LMX2525 Datasheet HTML 2Page - National Semiconductor (TI) LMX2525 Datasheet HTML 3Page - National Semiconductor (TI) LMX2525 Datasheet HTML 4Page - National Semiconductor (TI) LMX2525 Datasheet HTML 5Page - National Semiconductor (TI) LMX2525 Datasheet HTML 6Page - National Semiconductor (TI) LMX2525 Datasheet HTML 7Page - National Semiconductor (TI) LMX2525 Datasheet HTML 8Page - National Semiconductor (TI) LMX2525 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Absolute Maximum Ratings (Notes 2, 3,
4)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Parameter
Symbol
Ratings
Units
Supply Voltage
V
CC,VDD -0.5 to 3.6
V
Voltage on any pin
to GND
V
I
-0.3 to V
CC + 0.3
V
-0.3 to V
DD + 0.3
V
Storage Temperature Range T
STG
-65 to 150
˚C
Recommended Operating
Conditions
Parameter
Symbol
Min Typ Max Unit
Ambient Temperature
T
A
-30
25
85
˚C
Supply Voltage (to GND) V
CC,VDD
2.5
3.3
V
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to
the device may occur. Recommended Operating Conditions indicate condi-
tions for which the device is intended to be functional, but do not guarantee
specific performance limits. For guaranteed specifications and test condi-
tions, refer to the Electrical Characteristics section. The guaranteed specifi-
cations apply only for the conditions listed.
Note 3: This device is a high performance RF integrated circuit with an ESD
rating < 2 kV and is ESD sensitive. Handling and assembly of this device
should be done at ESD protected workstations.
Note 4: GND=0V.
Electrical Characteristics (V
IN = 2.8 V, refer to Typical Application Circuit; Limits in standard typeface are
for T
A = 25 ˚C; Limits in boldface type apply over the operating temperature range from -20 ˚C
≤ T
A
≤ 75 ˚C unless other-
wise noted.)
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
CC PARAMETERS
I
CC +IDD
Supply Current (Note 5)
OB_CRL [1:0] = 10
10.6
12.0
12.3
mA
OB_CRL [1:0] = 00
10.0
11.5
11.8
mA
I
CC +IDD
Supply Current (Note 6)
OB_CRL [1:0] = 10
15.0
16.5
16.8
mA
OB_CRL [1:0] = 00
14.2
15.6
15.9
mA
I
PD
Power Down Current
CE = LOW or
RF_PD = 1
20
µA
REFERENCE OSCILLATOR PARAMETERS
f
OSCin
Reference Oscillator Input Frequency
(Note 7)
Supports 12.6, 14.4, 25.2
and 26.0 MHz.
12.6
14.4
26.0
MHz
V
OSCin
Reference Oscillator Input Sensitivity
0.5
V
CC
Vp-p
RF1 VCO FOR PDC1500
f
RF1out
Frequency Range (Note 8)
RF1 VCO for PDC1500
1270.22
1394.95
MHz
P
RF1out
Output Power
OB_CRL [1:0] = 11
-5
-2
1
dBm
OB_CRL [1:0] = 10
-7
-4
-1
dBm
OB_CRL [1:0] = 01
-10
-7
-4
dBm
OB_CRL [1:0] = 00
-13
-10
-7
dBm
Lock Time
Full frequency span within
each band in High Speed
Mode (HS = 1).
300
(Note 9)
µs
Between bands High Speed
Mode (HS = 1).
300
(Note 9)
µs
Full frequency span within
each band in Normal Mode
(HS = 0).
(Note 11)
500
(Note 9)
µs
375
(Note 10)
µs
Between bands in Normal
Mode (HS = 0).
500
(Note 9)
µs
400
(Note 10)
µs
RMS Phase Error
1.3
degrees
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com