Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE6248 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6248
Description  2 Watt RF Load Up to 6 GHz with N Male Tri-Metal Plated Brass
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6248 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6248 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6248 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6248 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE6248 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Features
• DC to 6 GHz Frequency Range
• VSWR 1.2:1 Max
• Max Power 2 Watt (CW)
• N Male Coaxial Interface
Applications
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
Communication
.
Description
Pasternack’s PE6248 is an RF termination (also called RF load or dummy load) that operates from DC to 6 GHz and handles
up to 2 Watt (CW). Our N termination / load has a male gender. PE6248 N load termination offers 1.2:1 max VSWR.
RF load / terminations are indispensable components in many RF, microwave and millimeter wave systems where signal
reflection from unused ports can potentially damage the device or reduce the signal integrity. By terminating an unused
port with a matched load (dummy load), the incident energy will be absorbed with minimal reflection. These termination
components are commonly used to terminate devices such as couplers, circulators, and switches. They are also widely used
in measurement systems to ensure accurate results. Pasternack offers a huge selection of RF, microwave and millimeter wave
terminations up to 65 GHz with excellent performance over the entire operating range and power handling capabilities up to
800 Watt (CW).
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
Impedance
50
Ohms
VSWR
1.2:1
Input Power (CW)
2
Watts
derated linearly to 0.2W at +125°C
Input Power (Peak)
500
Watts
5µs pulse, 0.05% duty cycle
.
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
DC to 2.5
2.5 to 6
GHz
VSWR, Max
1.1:1
1.2:1
.
Electrical Specification Notes:
RF leakage/RFI: -90 dBc max
PE6248
PE6248 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 Watt RF Load Up to 6 GHz with N Male Tri-Metal Plated Brass PE6248
RF Terminations Technical Data Sheet
2 Watt RF Load Up to 6 GHz with N Male Tri-Metal Plated Brass


Similar Part No. - PE6248

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6248 PASTERNACK-PE6248 Datasheet
310Kb / 2P
Low Power 2 Watts RF Load Up To 6 GHz With N Male Input
More results

Similar Description - PE6248

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6196 PASTERNACK-PE6196 Datasheet
237Kb / 3P
50 Ohm 2 Watts Tri-Metal Plated Brass 7-16 DIN Male RF Load Up To 6 GHz
PE6229 PASTERNACK-PE6229 Datasheet
231Kb / 3P
50 Ohm 2 Watts Tri-Metal Plated Brass TNC Female RF Load Up To 6 GHz
PE6249 PASTERNACK-PE6249 Datasheet
308Kb / 2P
Low Power 2 Watts RF Load Up To 6 GHz With N Male Input Tri-Metal Plated Brass
PE6100 PASTERNACK-PE6100_16 Datasheet
426Kb / 4P
5 Watt RF Load Up to 7 GHz With 7/16 DIN Male Input Tri-Metal Plated Brass
PE6139 PASTERNACK-PE6139_16 Datasheet
335Kb / 3P
5 Watt RF Load Up to 7 GHz with 7/16 DIN Female Tri-Metal Plated Brass
PE6154 PASTERNACK-PE6154_16 Datasheet
442Kb / 4P
2 Watt RF Load Up to 4 GHz With N Male Input Nickel Plated Brass
PE6196 PASTERNACK-PE6196_16 Datasheet
423Kb / 4P
2 Watt RF Load Up to 6 GHz Male Input IP67 Rated Tri-Metal Plated Brass
PE6229 PASTERNACK-PE6229_16 Datasheet
418Kb / 3P
2 Watt RF Load Up to 6 GHz With TNC Female Input Tri-Metal Plated Brass
PE6241 PASTERNACK-PE6241_16 Datasheet
422Kb / 4P
1 Watt RF Load Up to 6 GHz With Reverse Polarity SMA Male Input Tri-Metal Plated Brass
PE6249 PASTERNACK-PE6249_16 Datasheet
420Kb / 4P
2 Watt RF Load Up to 6 GHz With N Male Input Tri-Metal Plated Brass
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com