Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-112/883 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ADS-112/883
Description  12-Bit, 1MHz, Low-Power Sampling A/D Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADS-112/883 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ADS-112/883 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS-112/883 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS-112/883 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS-112/883 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS-112/883 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS-112/883 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
®
®
ADS-112
2
FUNCTIONAL SPECIFICATIONS
(TA = +25°C, ±VCC = ±15V, +VDD =+5V, 1MHz sampling rate, and a minimum 1 minute
warmup unless otherwise specified.)
ANALOG INPUTS
MIN.
TYP.
MAX.
UNITS
Input Voltage Range Œ
Bipolar
—
±5
—
Volts
Unipolar
—
0 to +10
—
Volts
Input Impedence
4.5
5
—
k
Ω
Input Capacitance
—
6
15
pF
DIGITAL INPUTS
Logic Levels
Logic "1"
+2.0
—
—
Volts
Logic "0"
—
—
+0.8
Volts
Logic Loading "1"
—
—
+10
µA
Logic Loading "0"
—
—
–600
µA
PERFORMANCE
Resolution
12 Bits
No Missing Codes
(12 Bits; fin = 1MHz)
Over the operating temperature range
Integral Non-Linearity
+25°C
—
±1/4
±3/4
LSB
0°C to +70°C
—
±1/4
±3/4
LSB
–55°C to +125°C
—
±1/2
±1.5
LSB
Differential Non-Linearity
+25°C
—
±1/4
±3/4
LSB
0°C to +70°C
—
±1/4
±3/4
LSB
–55°C to +125°C
—
±1/2
±1
LSB
Full Scale Absolute Accuracy
+25°C
—
±0.13
±0.25
%FSR
0°C to +70°C
—
±0.15
±0.44
%FSR
–55°C to +125°C
—
±0.25
±0.78
%FSR
Unipolar Zero Error †
0°C to +70°C
—
±0.074
±0.265
%FSR
–55°C to +125°C
—
±0.224
±0.43
%FSR
Bipolar Zero Error †
0°C to +70°C
—
±0.074
±0.166
%FSR
–55°C to +125°C
—
±0.124
±0.210
%FSR
Bipolar Offset Error †
0°C to +70°C
—
±0.1
±0.38
%FSR
–55°C to +125°C
—
±0.3
±0.60
%FSR
Gain Error †
0°C to +70°C
—
±0.1
±0.38
%
–55°C to +125°C
—
±0.3
±0.60
%
Internal Reference Voltage, +25°C
+9.98
+10.0
+10.02
Volts
Drift
—
±5
±30
ppm/°C
External Current
—
—
1.5
mA
DYNAMIC PERFORMANCE
In-Band Harmonics (–0.5dB)
dc to 100kHz
—
–81
–75
dB
100kHz to 500kHz
—
–75
–70
dB
Total Harm. Distort. (–0.5dB)
dc to 100kHz
—
–78
–75
dB
100kHz to 500kHz
—
–73
–68
dB
DYNAMIC PERF. (cont)
MIN.
TYP.
MAX.
UNITS
Signal-to-Noise Ratio
(wo/distort., –0.5dB)
dc to 100kHz
68
72
—
dB
100kHz to 500kHz
67
71
—
dB
Signal-to-Noise Ratio 
(& distort., –0.5dB)
dc to 100kHz
66
70
—
dB
100kHz to 500kHz
66
70
—
dB
Two-tone Intermodulation
Distortion (fin = 75kHz,
105kHz, fs = 1MHz, –0.7dB)
—
–88
–80
dB
Two-tone Intermodulation
Distortion (fin = 480kHz,
490kHz, fs = 1MHz, –0.7dB)
—
–68
–65
dB
Input Bandwith (–3dB)
Small Signal (–20dB input)
8
10
—
MHz
Large Signal (–0.5dB input)
6
8
—
MHz
Slew Rate
—
±150
—
V/µs
Apperture Delay TIme
—
—
20
ns
Effect. Aperture Delay Time
—
—
16
ns
Apperture Uncertainity (Jitter)
RMS
—
—
15
ps
Peak
—
—
±50
ps
Overvoltage Recovery Time
—
—
1000
ns
S/H Acquisition Time
160
250
280
ns
Conversion Rate
(Changing Inputs)
+25°C
1
—
—
MHz
0°C to +70°C
1
—
—
MHz
–55°C to +125°C
1
—
—
MHz
DIGITAL OUTPUTS
Output Coding
Pin 18 High
Pin 18 Low
Logic Level
Logic "1"
+2.4
—
—
Volts
Logic "0"
—
—
+0.4
Volts
Logic Loading "1"
—
—
–160
µA
Logic Loading "0"
—
—
+6.4
mA
POWER REQUIREMENTS
Power Supply Ranges Ž
+15V Supply
+14.25
+15.0
+15.75
Volts
–15V Supply
–14.25
–15.0
–15.75
Volts
+5V Supply
+4.75
+5.0
+5.25
Volts
Power Supply Current
+15V Supply
—
+24
+35
mA
–15V Supply
—
–40
–48
mA
+5V Supply
—
+80
+95
mA
Power Dissipation
—
1.3
1.7
Watts
Power Supply Rejection
—
—
±0.07
%FSR%V
PHYSICAL/ENVIRONMENTAL
Operating Temp. Range, Case
ADS-112MC
0
—
+70
°C
ADS-112MM, 883
–55
—
+125
°C
Storage Temperature Range
–65
—
+150
°C
Package Type
24-pin, metal-sealed, ceramic DDIP
Weight
0.42 ounces (12 grams)
ABSOLUTE MAXIMUM RATINGS
PARAMETERS
LIMITS
UNITS
+15V Supply (Pin 22)
0 to +18
Volts
–15V Supply (Pin 24)
0 to –18
Volts
+5V Supply (Pin 13)
0 to +6
Volts
Digital Inputs (Pin 16, 17, 18)
–0.3 to +VDD +0.3
Volts
Analog Input (Pin 19)
–9 to +15
Volts
Lead Temp. (10 seconds)
+300
°C
† See Tech Note 1
6.02
(SNR + Distortion) – 1.76 +
20 log
Full Scale Amplitude
Actual Input Amplitude
 Effective bits is equal to:
Œ See Table 3 also
Ž For ±12V, +5V operation, contact DATEL
Staight binary/Offset binary
Complementary binary
Complementary offset binary



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com