Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L78L08ABD Datasheet(PDF) 1 Page - STMicroelectronics

Part # L78L08ABD
Description  POSITIVE VOLTAGE REGULATORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78L08ABD Datasheet(HTML) 1 Page - STMicroelectronics

  L78L08ABD Datasheet HTML 1Page - STMicroelectronics L78L08ABD Datasheet HTML 2Page - STMicroelectronics L78L08ABD Datasheet HTML 3Page - STMicroelectronics L78L08ABD Datasheet HTML 4Page - STMicroelectronics L78L08ABD Datasheet HTML 5Page - STMicroelectronics L78L08ABD Datasheet HTML 6Page - STMicroelectronics L78L08ABD Datasheet HTML 7Page - STMicroelectronics L78L08ABD Datasheet HTML 8Page - STMicroelectronics L78L08ABD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1/24
July 2003
s
OUTPUT CURRENT UP TO 100 mA
s
OUTPUT VOLTAGES OF 3.3; 5; 6; 8; 9; 10;
12; 15; 18; 20; 24V
s
THERMAL OVERLOAD PROTECTION
s
SHORT CIRCUIT PROTECTION
s
NO EXTERNAL COMPONENTS ARE
REQUIRED
s
AVAILABLE IN EITHER ±5% (AC) OR ±10%
(C) SELECTION
DESCRIPTION
The L78L00 series of three-terminal positive
regulators employ internal current limiting and
thermal
shutdown,
making
them
essentially
indestructible. If adequate heat-sink is provided,
they can deliver up to 100 mA output current. They
are intended as fixed voltage regulators in a wide
range of applications including local or on-card
regulation for elimination of noise and distribution
problems associated with single-point regulation.
In addition, they can be used with power pass
elements to make high-current voltage regulators.
The L78L00 series used as Zener diode/resistor
combination replacement, offers an effective
output impedance improvement of typically two
orders of magnitude, along with lower quiescent
current and lower noise.
L78L00
SERIES
POSITIVE VOLTAGE REGULATORS
SCHEMATIC DIAGRAM
TO-92
SOT-89
SO-8


Similar Part No. - L78L08ABD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78L08ABD STMICROELECTRONICS-L78L08ABD Datasheet
145Kb / 19P
POSITIVE VOLTAGE REGULATORS
Jul-2003
L78L08ABD13TR STMICROELECTRONICS-L78L08ABD13TR Datasheet
907Kb / 29P
Positive voltage regulators
18-Aug-2008
L78L08ABD13TR STMICROELECTRONICS-L78L08ABD13TR Datasheet
776Kb / 47P
Positive voltage regulators
14-Apr-2014
L78L08ABD13TR STMICROELECTRONICS-L78L08ABD13TR Datasheet
769Kb / 46P
Positive voltage regulators
10-Feb-2016
L78L08ABD13TR STMICROELECTRONICS-L78L08ABD13TR Datasheet
879Kb / 40P
Positive voltage regulators
07-Apr-2021
More results

Similar Description - L78L08ABD

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
78L18 WINGS-78L18 Datasheet
154Kb / 2P
Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
POSITIVE VOLTAGE REGULATORS
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
Positive-Voltage Regulators
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
POSITIVE-VOLTAGE REGULATORS
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
Positive voltage regulators
14-Apr-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com