Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L78L08ABUTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # L78L08ABUTR
Description  POSITIVE VOLTAGE REGULATORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78L08ABUTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L78L08ABUTR Datasheet HTML 6Page - STMicroelectronics L78L08ABUTR Datasheet HTML 7Page - STMicroelectronics L78L08ABUTR Datasheet HTML 8Page - STMicroelectronics L78L08ABUTR Datasheet HTML 9Page - STMicroelectronics L78L08ABUTR Datasheet HTML 10Page - STMicroelectronics L78L08ABUTR Datasheet HTML 11Page - STMicroelectronics L78L08ABUTR Datasheet HTML 12Page - STMicroelectronics L78L08ABUTR Datasheet HTML 13Page - STMicroelectronics L78L08ABUTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
L78L00 SERIES
10/24
ELECTRICAL CHARACTERISTICS OF L78L05AB AND L78L05AC
(refer to the test circuits, VI = 10V, IO =40mA, CI =0.33 µF, CO =0.1 µF,
TJ = 0 to 125°C for L78L05AC, TJ = -40 to 125°C for L78L05AB, unless otherwise specified)
ELECTRICAL CHARACTERISTICS OF L78L06AB AND L78L06AC
(refer to the test circuits, VI = 12V, IO =40mA, CI =0.33 µF, CO =0.1 µF,
TJ = 0 to 125°C for L78L06AC, TJ = -40 to 125°C for L78L06AB, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = 25°C
4.8
5
5.2
V
VO
Output Voltage
IO = 1 to 40 mA
VI = 7 to 20 V
4.75
5.25
V
IO = 1 to 70 mA
VI = 10 V
4.75
5.25
∆V
O
Line Regulation
VI =7 to 20 V
TJ = 25°C
150
mV
VI =8 to 20 V
TJ = 25°C
100
∆V
O
Load Regulation
IO = 1 to 100 mA
TJ = 25°C
60
mV
IO =1to 40mA
TJ = 25°C
30
Id
Quiescent Current
TJ = 25°C
6
mA
TJ = 125°C
5.5
mA
∆I
d
Quiescent Current Change
IO =1to 40mA
0.1
mA
VI = 8 to 20 V
1.5
eN
Output Noise Voltage
B =10Hz to 100KHz
TJ = 25°C
40
µV
SVR
Supply Voltage Rejection
VI = 8 to 18 V
f = 120Hz
IO =40 mA
TJ = 25°C
41
49
dB
Vd
Dropout Voltage
1.7
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = 25°C
5.76
6
6.24
V
VO
Output Voltage
IO = 1 to 40 mA
VI = 8.5 to 20 V
5.7
6.3
V
IO = 1 to 70 mA
VI = 12 V
5.7
6.3
∆V
O
Line Regulation
VI = 8.5 to 20 V
TJ = 25°C
150
mV
VI =9 to 20 V
TJ = 25°C
100
∆V
O
Load Regulation
IO = 1 to 100 mA
TJ = 25°C
60
mV
IO =1to 40mA
TJ = 25°C
30
Id
Quiescent Current
TJ = 25°C
6
mA
TJ = 125°C
5.5
mA
∆I
d
Quiescent Current Change
IO =1to 40mA
0.1
mA
VI = 9 to 20 V
1.5
eN
Output Noise Voltage
B =10Hz to 100KHz
TJ = 25°C
50
µV
SVR
Supply Voltage Rejection
VI = 9 to 20 V
f = 120Hz
IO =40 mA
TJ = 25°C
39
46
dB
Vd
Dropout Voltage
1.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com