Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN6069SFG Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN6069SFG
Description  N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN6069SFG Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN6069SFG Datasheet HTML 1Page - Diodes Incorporated DMN6069SFG Datasheet HTML 2Page - Diodes Incorporated DMN6069SFG Datasheet HTML 3Page - Diodes Incorporated DMN6069SFG Datasheet HTML 4Page - Diodes Incorporated DMN6069SFG Datasheet HTML 5Page - Diodes Incorporated DMN6069SFG Datasheet HTML 6Page - Diodes Incorporated DMN6069SFG Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMN6069SFG
Document number: DS37821 Rev. 4 - 2
2 of 7
www.diodes.com
November 2016
© Diodes Incorporated
DMN6069SFG
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 10V
Steady State
TA = +25°C
TA = +70°C
ID
5.6
4.5
A
Steady State
TC = +25°C
TC = +70°C
ID
18
14.5
A
Pulsed Drain Current (380µs Pulse, Duty Cycle = 1%)
IDM
25
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
2.5
A
Avalanche Current (Note 7) L = 0.1mH
IAS
12
A
Avalanche Energy (Note 7) L = 0.1mH
EAS
7.2
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
0.93
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
134
°C/W
t<10s
82
Total Power Dissipation (Note 6)
PD
2.4
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
53
°C/W
t<10s
33
Thermal Resistance, Junction to Case
RθJC
5
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
60
—
—
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
—
—
1
µA
VDS = 60V, VGS = 0V
Zero Gate Voltage Drain Current TJ = +150°C (Note 9)
IDSS
—
—
100
µA
VDS = 60V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(TH)
1
—
3
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
—
39
50
m
Ω
VGS = 10V, ID = 4.5A
—
47
63
VGS = 4.5V, ID = 3A
Diode Forward Voltage
VSD
—
—
1.1
V
VGS = 0V, IS = 2.5A
On State Drain Current (Note 9)
ID(ON)
20
—
—
A
VDS ≧5V, VGS = 10V
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
CISS
—
740
1,480
pF
VDS = 30V, VGS = 0V,
f = 1.0MHz
Output Capacitance
COSS
—
40
80
pF
Reverse Transfer Capacitance
CRSS
—
28
55
pF
Gate Resistance
RG
—
2.2
4
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
QG
—
6.4
12
nC
VDS = 30V, ID = 12A
Total Gate Charge (VGS = 10V)
QG
—
14
25
nC
Gate-Source Charge
QGS
—
2.8
5.5
nC
Gate-Drain Charge
QGD
—
2.3
5
nC
Turn-On Delay Time
tD(ON)
—
3.6
10
ns
VDS = 30V, ID = 12A
VGS = 10V, RG = 6.0Ω
Turn-On Rise Time
tR
—
5.0
10
ns
Turn-Off Delay Time
tD(OFF)
—
12
24
ns
Turn-Off Fall Time
tF
—
3.3
10
ns
Body Diode Reverse Recovery Time
tRR
—
11
22
ns
IF = 4.5A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR
—
5.1
10
nC
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1-inch square copper plate.
7. IAS and EAS ratings are based on low frequency and duty cycles to keep TJ = +25°C.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com