Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN6070SY Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN6070SY
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN6070SY Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN6070SY Datasheet HTML 1Page - Diodes Incorporated DMN6070SY Datasheet HTML 2Page - Diodes Incorporated DMN6070SY Datasheet HTML 3Page - Diodes Incorporated DMN6070SY Datasheet HTML 4Page - Diodes Incorporated DMN6070SY Datasheet HTML 5Page - Diodes Incorporated DMN6070SY Datasheet HTML 6Page - Diodes Incorporated DMN6070SY Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMN6070SY
Document number: DS39440 Rev. 1 - 2
2 of 7
www.diodes.com
January 2017
© Diodes Incorporated
DMN6070SY
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
4.1
3.3
A
Pulsed Drain Current (10
μs Pulse, Duty Cycle ≦1%)
IDM
15
A
Maximum Body Diode Continuous Current (Note 6)
IS
2.5
A
Pulsed Body Diode Current (10
μs Pulse, Duty Cycle ≦1%)
ISM
15
A
Avalanche Current, L=0.1mH (Note 7)
IAS
11
A
Avalanche Energy, L=0.1mH (Note 7)
EAS
6
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
TA = +25°C
PD
0.9
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RJA
122
°C/W
t<10s
72
°C/W
Total Power Dissipation (Note 6)
TA = +25°C
PD
2.1
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RJA
58
°C/W
t<10s
34
°C/W
Thermal Resistance, Junction to Case (Note 6)
RJC
12
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
60
V
ID = 250μA, VGS= 0V
Zero Gate Voltage Drain Current
IDSS
1
μA
VDS= 60V, VGS= 0V
Gate-Source Leakage
IGSS
100
nA
VGS= 16V, VDS= 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(TH)
1.0
3.0
V
ID= 250μA, VDS= VGS
Static Drain-Source On-Resistance
RDS(ON)
70
85
m
Ω
VGS= 10V, ID= 2.5A
76
110
VGS= 4.5V, ID= 1.5A
Diode Forward Voltage
VSD
0.75
1.2
V
IS= 12A, VGS= 0V
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
588
pF
VDS= 30V, VGS= 0V
f= 1MHz
Output Capacitance
Coss
26.5
Reverse Transfer Capacitance
Crss
20
Gate Resistance
Rg

1.5

Ω
Vgs= 0V, Vds= 0V, f=1MHz,
Total Gate Charge (VGS= 4.5V)
Qg

5.6

nC
VDS= 30V, ID= 3A
Total Gate Charge (VGS= 10V)
Qg
12.3
Gate-Source Charge
Qgs
1.7
Gate-Drain Charge
Qgd
1.9
Turn-On Delay Time
tD(ON)
3.5
ns
VDD= 30V, VGS= 10V
RL  50Ω, Rg  20Ω
Turn-On Rise Time
tR
4.1
Turn-Off Delay Time
tD(OFF)
35
Turn-Off Fall Time
tF
11
Body Diode Reverse Recovery Time
tRR
—
18
—
ns
IS = 12A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR
—
12
—
nC
IS = 12A, di/dt = 100A/μs
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1inch square copper plate.
7. IAS and EAS ratings are based on low frequency and duty cycles to keep TJ = +25°C.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com