Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L78L09ACZ Datasheet(PDF) 2 Page - STMicroelectronics

Part # L78L09ACZ
Description  POSITIVE VOLTAGE REGULATORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78L09ACZ Datasheet(HTML) 2 Page - STMicroelectronics

  L78L09ACZ Datasheet HTML 1Page - STMicroelectronics L78L09ACZ Datasheet HTML 2Page - STMicroelectronics L78L09ACZ Datasheet HTML 3Page - STMicroelectronics L78L09ACZ Datasheet HTML 4Page - STMicroelectronics L78L09ACZ Datasheet HTML 5Page - STMicroelectronics L78L09ACZ Datasheet HTML 6Page - STMicroelectronics L78L09ACZ Datasheet HTML 7Page - STMicroelectronics L78L09ACZ Datasheet HTML 8Page - STMicroelectronics L78L09ACZ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
L78L00 SERIES
2/24
ABSOLUTE MAXIMUM RATINGS
(*) Our SO-8 package used for Voltage Regulators is modified internally to have pins 2, 3, 6 and 7 electrically communed to the die attach
flag. This particular frame decreases the total thermal resistance of the package and increases its ability to dissipate power when an appro-
priate area of copper on the printed circuit board is available for heat-sinking. The external dimensions are the same as for the standard SO-8.
THERMAL DATA
(*) Considering 6 cm2 of copper Board heat-sink
TEST CIRCUITS
CONNECTION DIAGRAM (top view)
Symbol
Parameter²
Value
Unit
VI
DC Input Voltage
VO = 3.3 to 9 V
30
V
VO = 12to15V
35
VO = 18to24V
40
IO
Output Current
100
mA
Ptot
Power Dissipation
Internally Limited (*)
Tstg
Storage Temperature Range
-40 to 150
°C
Top
Operating Junction Temperature
Range
for L78L00C, L78L00AC
0 to 125
°C
for L78L00AB
-40 to 125
Symbol
Parameter
SO-8
TO-92
SOT-89
Unit
Rthj-case Thermal Resistance Junction-case
Max
20
15
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
Max
55 (*)
200
°C/W
SOT-89
SO-8
BOTTOM VIEW
PIN 1 = VOUT
PIN 2 = GND
PIN 3 = VIN
TO-92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com