Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDAXLC18-1BF4 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDAXLC18-1BF4
Description  Extra low capacitance single line bidirectional ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAXLC18-1BF4 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDAXLC18-1BF4 Datasheet HTML 1Page - STMicroelectronics ESDAXLC18-1BF4 Datasheet HTML 2Page - STMicroelectronics ESDAXLC18-1BF4 Datasheet HTML 3Page - STMicroelectronics ESDAXLC18-1BF4 Datasheet HTML 4Page - STMicroelectronics ESDAXLC18-1BF4 Datasheet HTML 5Page - STMicroelectronics ESDAXLC18-1BF4 Datasheet HTML 6Page - STMicroelectronics ESDAXLC18-1BF4 Datasheet HTML 7Page - STMicroelectronics ESDAXLC18-1BF4 Datasheet HTML 8Page - STMicroelectronics ESDAXLC18-1BF4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
ESDAXLC18-1BF4
2/10
DocID028531 Rev 1
1
Characteristics
Figure 2. Electrical characteristics (definitions)
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VPP
(1)
Peak pulse voltage
IEC 61000-4-2 contact discharge
IEC 61000-4-2 air discharge
±10
±30
kV
PPP
(1)
Peak pulse power (8/20 µs)
50
W
IPP
(1)
Peak pulse current (8/20 µs)
2.2
A
Tj
Operating junction temperature range
-40 to 150
°C
Tstg
Storage temperature range
-65 to +150
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
1.
For a surge greater than the maximum values, the diode will fail in short-circuit.
Table 2. Electrical characteristics (values, Tamb = 25 °C)
Symbol
Test conditions
Test conditions
Value
Unit
Min.
Typ.
Max.
VT
19
20
V
IRM
Leakage current
Pin1 to pin2, VRM = 18 V
<1
30
nA
CLINE
Line capacitance
VR = 0 V, F = 1 MHz
0.3
0.45
0.6
pF
VCL
Clamping voltage
IPP = 1 A- 8/20
20
V
VCL
Clamping voltage
IEC 61000-4-2, measured at 30 ns, 8kV
contact discharge
29
V
VH
Holding voltage
15
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com