Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDZL5-1F4 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDZL5-1F4
Description  Low clamping, low capacitance unidirectional single line ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDZL5-1F4 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDZL5-1F4 Datasheet HTML 1Page - STMicroelectronics ESDZL5-1F4 Datasheet HTML 2Page - STMicroelectronics ESDZL5-1F4 Datasheet HTML 3Page - STMicroelectronics ESDZL5-1F4 Datasheet HTML 4Page - STMicroelectronics ESDZL5-1F4 Datasheet HTML 5Page - STMicroelectronics ESDZL5-1F4 Datasheet HTML 6Page - STMicroelectronics ESDZL5-1F4 Datasheet HTML 7Page - STMicroelectronics ESDZL5-1F4 Datasheet HTML 8Page - STMicroelectronics ESDZL5-1F4 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
ESDZL5-1F4
2/9
DocID030259 Rev 3
1
Characteristics
Table 1: Absolute ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage
Contact discharge
Air discharge
15
30
kV
PPP
Peak pulse power dissipation (8/20 μs)
60
W
IPP
Peak pulse current (8/20 μs)
7
A
Tj
Operating junction temperature range
-55 to +150
°C
Tstg
Storage temperature range
-65 to +150
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
Figure 2: Electrical characteristics (definitions)
Table 2: Electrical characteristics (Tamb = 25 °C)
Symbol
Test condition
Min.
Typ.
Max.
Unit
VF
IF = 10 mA
0.7
0.9
V
VTrig
Higher voltage than VTrig guarantees the protection turn-on
5.8
10
V
VH
Lower voltage than VH guarantees the protection turn-off(1)
4.0
4.6
V
VRM
5.5
V
IRM
VRM = 5.5 V
100
nA
VCL
8 kV contact discharge after 30 ns, IEC 61000-4-2-Pin1 to
Pin2
9.5
V
VCL
8 kV contact discharge after 30 ns, IEC 61000-4-2-Pin2 to
Pin1
3
V
VCL
8/20 µs waveform, IPP = 7 A
10
V
CLINE
F = 1 MHz, VLINE = 0 V, VOSC = 30 mV
7.5
9.5
pF
RD
Pulse duration 100 ns
0.2
Ω
Notes:
(1)Application note: when used to protect a line connected to a DC source, the DC voltage must be lower than the
minimum VH to enable the diode to return to its non-conducting state after the transient.
Symbol
Parameter
V
=
Trigger voltage
I
=
Leakage current @ V
V
=
Stand-off voltage
I
=
Peak pulse current
R
Trig
RM
RM
RM
PP
V
=
Clamping voltage
CL
D
=
Dynamic resistance
V
H
=
Holding voltage
C
LINE
=
Input capacitance per line
V
CL
V
RM
I
PP
V
I
V
Trig
I
RM
R
D
V
F
I
F
V
H
V
I



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com