Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSDMLS31.23 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # KSDMLS31.23
Description  SYNIOS P2720
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KSDMLS31.23 Datasheet(HTML) 5 Page - OSRAM GmbH

  KSDMLS31.23 Datasheet HTML 1Page - OSRAM GmbH KSDMLS31.23 Datasheet HTML 2Page - OSRAM GmbH KSDMLS31.23 Datasheet HTML 3Page - OSRAM GmbH KSDMLS31.23 Datasheet HTML 4Page - OSRAM GmbH KSDMLS31.23 Datasheet HTML 5Page - OSRAM GmbH KSDMLS31.23 Datasheet HTML 6Page - OSRAM GmbH KSDMLS31.23 Datasheet HTML 7Page - OSRAM GmbH KSDMLS31.23 Datasheet HTML 8Page - OSRAM GmbH KSDMLS31.23 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Version 1.2
KS DMLS31.23
2016-08-16
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 4) page 21
Durchlassspannungsgruppen 4) Seite 21
Dominant Wavelength Groups
3) page 21
Dominant Wellenlängengruppen 3) Seite 21
Group
Luminous Flux 1) page 21
Luminous Flux 1) page 21
Luminous Intensity
6) page 21
Gruppe
Lichtstrom 1) Seite 21
Lichtstrom 1) Seite 21
Lichtstärke 6) Seite 21
(min.) Φ
V [lm]
(max.) Φ
V [lm]
(typ.) I
V [cd]
6J
50
56
17.5
7J
56
63
19.6
8J
63
71
22.1
5K
71
80
24.9
6K
80
90
28.1
7K
90
100
31.4
8K
100
112
35
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
M3
2.15
2.30
Q3
2.30
2.45
T3
2.45
2.60
W3
2.60
2.75
Group
super red
Gruppe
(min.) λ
dom
[nm]
(max.) λ
dom
[nm]
6
627
630
7
630
634
8
634
637
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com