Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI49FCT32802Q Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI49FCT32802Q
Description  1:5/1:7 3.3V CMOS Clock Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT32802Q Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI49FCT32802Q Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT32802Q Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT32802Q Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT32802Q Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT32802Q Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT32802Q Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
PS8704A
9/22/04
PI49FCT32802
PI49FCT32803
1:5/1:7 3.3V CMOS Clock Drivers
Tests Circuits for All Outputs
Switching Waveforms
Propagation Delay
Package Skew – tSK(t)
Pulse Skew – tSK(p)
Output Skew – tSK(o)
Input
tPLH
3V
1.5V
0V
Output
VOH
1.5V
VOL
tPHL
2.0V
0.5V
tR
tF
Input
tPLHx
3V
1.5V
0V
Ox
VOH
1.5V
VOL
tPHLx
tSK(o)
Oy
VOH
1.5V
VOL
tSK(o)
tPLHy
tPHLy
tSK(o) =  tPLHy – tPLHx  or  tPHLy – tPHLx
Input
tPLH
3V
1.5V
0V
Output
VOH
1.5V
VOL
tPHL
tSK(p) =  tPHL – tPLH
Input
tPLH1
3V
1.5V
0V
Package 1
Output
VOH
1.5V
VOL
tPHL1
tSK(t)
Package 2
Output
VOH
1.5V
VOL
tSK(t)
tPLH2
tPHL2
tSK(t) =  tPLH2 – tPLH1  or  tPHL2 – tPHL1
Pulse
Generator
f = 125MHz
D.U.T.
50
Ω
CL
15pF
VCC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com