Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI49FCT32802L Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI49FCT32802L
Description  1:5/1:7 3.3V CMOS Clock Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT32802L Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI49FCT32802L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT32802L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT32802L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT32802L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT32802L Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT32802L Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
PS8704A
9/22/04
PI49FCT32802
PI49FCT32803
1:5/1:7 3.3V CMOS Clock Drivers
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min.
Typ(2) Max.
Units
ICC
Quiescent Power
Supply Current
VCC = Max.
VIN = GND
or VCC
—
0.1
30
µA
ΔICC
Supply Current per
Inputs @ TTL HIGH
VCC = Max.
VIN = VCC – 0.6V(3)
—
47
300
ICCD
Supply Current per
Input per MHz(4)
VCC = Max.,
Outputs Open
Per Output Toggling
50% Duty Cycle
VIN = VCC
—
mA/
VIN = GND
0.08
0.16
MHz
Notes:
1.
For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2.
Typical values are at VCC = 3.3V, +25°C ambient.
3.
Per TTL driven input (VIN = VCC – 0.6V); all other inputs at VCC or GND.
4.
This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5.
Values for these conditions are examples of the IC formula. These limits are guaranteed but not tested.
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(1)
Description
Test Conditions
Typ
Max.
Units
CIN
Input Capacitance
VIN = 0V
3.0
4
pF
COUT
Output Capacitance
VOUT = 0V
6
Notes:
1.
This parameter is determined by device characterization but is not production tested.
Notes:
1.
Other loading condition is described on page 4, “Test Circuits for All Outputs.”
2.
These parameters are guaranteed by design.
3.
Minimum propagation delay of 1.5ns is guaranteed by design.
Maximum Switching Characteristics (Over operating range)
Symbol
Description
Condition
Max.
Units
tPLH
tPHL
Propagation Delay A to Bn(3)
CL =15pF
2.5
ns
tR/tF
Rise/Fall Time(2)
0.8V –2.0V
1.5
tSK(p)
Pulse Skew (same pkg)(1,2)
CL =15pF
0.35
tSK(o)
Output Skew (same pkg.)(1,2)
0.2
tSK(t)
Output Skew (different pkg.)(1,2)
0.55
FIN
Input Frequency(1,2)
133
MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com